Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDMA3028N Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FDMA3028N
Description  Dual N-Channel PowerTrench짰 MOSFET 30 V, 3.8 A, 68 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA3028N Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FDMA3028N Datasheet HTML 1Page - Fairchild Semiconductor FDMA3028N Datasheet HTML 2Page - Fairchild Semiconductor FDMA3028N Datasheet HTML 3Page - Fairchild Semiconductor FDMA3028N Datasheet HTML 4Page - Fairchild Semiconductor FDMA3028N Datasheet HTML 5Page - Fairchild Semiconductor FDMA3028N Datasheet HTML 6Page - Fairchild Semiconductor FDMA3028N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
©2011 Fairchild Semiconductor Corporation
FDMA3028N Rev.C2
Figure 7.
0
1234
0
1
2
3
4
5
ID = 3.8 A
VDD = 20 V
VDD = 10 V
Qg, GATE CHARGE (nC)
VDD = 15 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
10
100
500
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure 9.
0.1
1
10
100
0.01
0.1
1
10
20
100 μs
10 ms
10 s
100 ms
DC
1 s
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 173
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 10.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.5
1
10
100
SINGLE PULSE
RθJA = 173
oC/W
TA = 25
oC
t, PULSE WIDTH (sec)
Single Pulse Maximum
Power Dissipation
Figure 11. Junction-to-Ambient Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.005
0.01
0.1
1
2
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
RθJA = 173
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Numéro de pièce similaire - FDMA3028N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDMA3023PZ FAIRCHILD-FDMA3023PZ Datasheet
330Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -2.9 A, 90 m廓
FDMA3027PZ FAIRCHILD-FDMA3027PZ Datasheet
302Kb / 8P
   Dual P-Channel PowerTrench짰 MOSFET -30 V, -3.3 A, 87 m廓
More results

Description similaire - FDMA3028N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDMS7670 FAIRCHILD-FDMS7670_12 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
FDMS7670 FAIRCHILD-FDMS7670 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 3.8 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC8200S FAIRCHILD-FDMC8200S Datasheet
467Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 10 m廓, 20 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMC3020DC FAIRCHILD-FDMC3020DC Datasheet
570Kb / 8P
   N-Channel Dual CoolTM PowerTrench짰 MOSFET 30 V, 40 A, 6.25 m廓
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com