Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD6685 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDD6685
Description  30V P-Channel PowerTrench횘 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6685 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDD6685_11 Datasheet HTML 1Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 2Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 3Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 4Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 5Page - Fairchild Semiconductor FDD6685_11 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD6685 Rev D1
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDD6685
FDD6685
13”
12mm
2500 units
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max
Units
Drain-Source Avalanche Ratings (Note 4)
EAS
Single Pulse Drain-Source
Avalanche Energy
ID = –11 A
42
mJ
IAS
Maximum Drain-Source
Avalanche Current
–11
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = –250
µA, Referenced to 25°C
–24
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = –24 V,
VGS = 0 V
–1
µA
IGSS
Gate–Body Leakage
VGS = ±25V,
VDS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–1
–1.8
–3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA, Referenced to 25°C
5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = –10 V,
ID = –11 A
VGS = –4.5 V,
ID = –9 A
VGS = –10 V,ID = –11 A,TJ=125
°C
14
21
20
20
30
m
ID(on)
On–State Drain Current
VGS = –10 V,
VDS = –5 V
–20
A
gFS
Forward Transconductance
VDS = –5 V,
ID = –11 A
26
S
Dynamic Characteristics
Ciss
Input Capacitance
1715
pF
Coss
Output Capacitance
440
pF
Crss
Reverse Transfer Capacitance
VDS = –15 V,
V GS = 0 V,
f = 1.0 MHz
225
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
3.6
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
17
31
ns
tr
Turn–On Rise Time
11
21
ns
td(off)
Turn–Off Delay Time
43
68
ns
tf
Turn–Off Fall Time
VDD = –15 V,
ID = –1 A,
VGS = –10 V,
RGEN = 6
21
34
ns
Qg
Total Gate Charge
17
24
nC
Qgs
Gate–Source Charge
9
nC
Qgd
Gate–Drain Charge
VDS = –15V,
ID = –11 A,
VGS = –5 V
4
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = –3.2 A (Note 2)
–0.8
–1.2
V
Trr
Diode Reverse Recovery Time
26
ns
Qrr
Diode Reverse Recovery Charge
IF = –11 A,
diF/dt = 100 A/µs
13
nC


Numéro de pièce similaire - FDD6685_11

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD6685 VBSEMI-FDD6685 Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FDD6685 BYCHIP-FDD6685 Datasheet
905Kb / 4P
   P-channel Enhancement Mode Power MOSFET
More results

Description similaire - FDD6685_11

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD6630A FAIRCHILD-FDD6630A_11 Datasheet
115Kb / 5P
   30V N-Channel PowerTrench횘 MOSFET
logo
ON Semiconductor
FDS8958A-F085 ONSEMI-FDS8958A-F085 Datasheet
543Kb / 8P
   Dual N & P-Channel PowerTrench횘 MOSFET
September-2017, Rev. 1
FDS4480 ONSEMI-FDS4480 Datasheet
236Kb / 7P
   40V N-Channel PowerTrench횘 MOSFET
September-2017, Rev 4
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com