Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC8878 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDC8878
Description  N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC8878 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDC8878 Datasheet HTML 1Page - Fairchild Semiconductor FDC8878 Datasheet HTML 2Page - Fairchild Semiconductor FDC8878 Datasheet HTML 3Page - Fairchild Semiconductor FDC8878 Datasheet HTML 4Page - Fairchild Semiconductor FDC8878 Datasheet HTML 5Page - Fairchild Semiconductor FDC8878 Datasheet HTML 6Page - Fairchild Semiconductor FDC8878 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2012 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FDC8878 Rev.C2
Figure 7.
0
3
6
9
12
15
0
2
4
6
8
10
ID = 8 A
VDD = 20 V
VDD = 15 V
Qg, GATE CHARGE (nC)
VDD = 10 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
10
100
1000
2000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.001
0.01
0.1
1
10
100
1
10
20
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
0
2
4
6
8
10
VGS = 4.5 V
RθJA = 78
o
C/W
VGS = 10 V
T
A
, AMBIENT TEMPERATURE (
o
C
)
Maximum Continous Drain Current
vs. Ambient Temperature
Figure 11.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
100 us
1 ms
1 s
10 ms
DC
10 s
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 175
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 12.
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.1
1
10
100
1000
SINGLE PULSE
RθJA = 175
oC/W
TA = 25
oC
t, PULSE WIDTH (s)
Single Pulse Maximum
Power Dissipation
Typical Characteristics T
J = 25°C unless otherwise noted


Numéro de pièce similaire - FDC8878

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC8884 FAIRCHILD-FDC8884 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
logo
VBsemi Electronics Co.,...
FDC8884 VBSEMI-FDC8884 Datasheet
1Mb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC8886 FAIRCHILD-FDC8886 Datasheet
267Kb / 7P
   N-Channel Power Trench짰 MOSFET 30 V, 6.5 A, 23 m廓
More results

Description similaire - FDC8878

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC7660 FAIRCHILD-FDMC7660 Datasheet
255Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 20 A, 2.2 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
FDMS8820 FAIRCHILD-FDMS8820 Datasheet
273Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 116 A, 2.0 m廓
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com