Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1507-0000-000N00F235F Fiches technique(PDF) 2 Page - Cree, Inc

No de pièce CXA1507-0000-000N00F235F
Description  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00F235F Fiches technique(HTML) 2 Page - Cree, Inc

  CXA1507-0000-000N00F235F Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00F235F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
2
XLamp CXa1507 LED
characteristics
characteristics
unit
minimum
typical
maximum
effective thermal resistance, junction to case
°C/w
2.5
viewing angle (FwHm)
degrees
115
ESD classification (HBM per Mil-Std-883D)
Class 2
DC forward current
mA
200
375
Reverse current
mA
0.1
Forward voltage (@ 200 mA, 85 °C)
v
37
Forward voltage (@ 200 mA, 25 °C)
v
38.4
42
LeD junction temperature
°C
150
Temperature coefficient of voltage
mv/°C
-21
fluX characteristics, standard order codes and bins (i
f = 200 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1507 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 13).
color
cct
range
base order codes
min. luminous flux
@ 200 ma
2-step order code
4-step order code
Group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
easywhite
5000K
G2
780
871
50H
CXA1507-0000-000N00G250H
50F
CXA1507-0000-000N00G250F
G4
840
938
CXA1507-0000-000N00G450H
CXA1507-0000-000N00G450F
4000K
F4
730
815
40H
CXA1507-0000-000N00F440H
40F
CXA1507-0000-000N00F440F
G2
780
871
CXA1507-0000-000N00G240H
CXA1507-0000-000N00G240F
G4
840
938
CXA1507-0000-000N00G440H
CXA1507-0000-000N00G440F
3500K
F2
680
759
35H
CXA1507-0000-000N00F235H
35F
CXA1507-0000-000N00F235F
F4
730
815
CXA1507-0000-000N00F435H
CXA1507-0000-000N00F435F
G2
780
871
CXA1507-0000-000N00G235H
CXA1507-0000-000N00G235F
3000K
F2
680
759
30H
CXA1507-0000-000N00F230H
30F
CXA1507-0000-000N00F230F
F4
730
815
CXA1507-0000-000N00F430H
CXA1507-0000-000N00F430F
2700K
e4
635
709
27H
CXA1507-0000-000N00e427H
27F
CXA1507-0000-000N00e427F
F2
680
759
CXA1507-0000-000N00F227H
CXA1507-0000-000N00F227F
F4
730
815
CXA1507-0000-000N00F427H
CXA1507-0000-000N00F427F
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80.
minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70.
Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75.
*
Flux values @ 25 °C are calculated and for reference only.


Numéro de pièce similaire - CXA1507-0000-000N00F235F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1507-0000-000N00F235F CREE-CXA1507-0000-000N00F235F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00F235F CREE-CXA1507-0000-000N00F235F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Description similaire - CXA1507-0000-000N00F235F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com