Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCD9N60N Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FCD9N60N
Description  N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD9N60N Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FCD9N60N Datasheet HTML 1Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 2Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 3Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 4Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 5Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 6Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 7Page - Fairchild Semiconductor FCD9N60N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FCD9N60NTM Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
0.4
1
10
0.1
1
10
60
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
4
56789
0.1
1
10
50
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS,Gate-Source Voltage[V]
0
102030
0.3
0.4
0.5
0.6
0.7
0.8
0.9
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.5
1.0
1.5
1
10
100
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0
5
10
15
20
0
2
4
6
8
10
*Note: ID = 4.5A
VDS = 150V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]
0.1
1
10
100
600
1
10
100
1000
10000
50000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]


Numéro de pièce similaire - FCD9N60N

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FCD9N60NTM ISC-FCD9N60NTM Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FCD9N60N

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com