Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5904 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN5904
Description  Multi-Mode Buck Converter for GSM/EDGE, 3G/3.5G and 4G PAs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5904 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN5904 Datasheet HTML 1Page - Fairchild Semiconductor FAN5904 Datasheet HTML 2Page - Fairchild Semiconductor FAN5904 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5904 • Rev. 3.0.5
22
Physical Dimensions
Product
D
E
X
Y
Unit
FAN5904UC00X
1.710 ±0.030
1.710 ±0.030
0.255
0.255
mm
FAN5904UC01X
1.710 ±0.030
1.710 ±0.030
0.255
0.255
mm
Figure 60. 1.71x1.71mm Square, 16 Bumps, 0.4mm Pitch, WLCSP
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty
therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
BOTTOM VIEW
SIDE VIEWS
TOP VIEW
RECOMMENDED LAND PATTERN
BALL A1
INDEX AREA
1 2 3 4
A
B
C
D
SEATING
PLANE
16X
A1
0.005
CA B
F
(NSMD PAD TYPE)
Ø0.260±0.02
0.40
0.40
(X) ±0.018
(Y) ±0.018
0.625
0.547
0.06 C
0.05 C
E
D
F
0.378±0.018
0.208±0.021
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASME Y14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 586 MICRONS
±39 MICRONS (547-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILNAME: MKT-UC016AArev2.
0.03 C
2X
0.03 C
2X
E
D
B
C
A
0.40
0.40
(Ø0.20)
Cu Pad
(Ø0.30) Solder
Mask Opening


Numéro de pièce similaire - FAN5904

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5904 ONSEMI-FAN5904 Datasheet
2Mb / 25P
   Multi-Mode Buck Converter
Rev. 3.0.7
FAN5904UC00X ONSEMI-FAN5904UC00X Datasheet
2Mb / 25P
   Multi-Mode Buck Converter
Rev. 3.0.7
FAN5904UC01X ONSEMI-FAN5904UC01X Datasheet
2Mb / 25P
   Multi-Mode Buck Converter
Rev. 3.0.7
More results

Description similaire - FAN5904

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BGA711N7 INFINEON-BGA711N7 Datasheet
1Mb / 43P
   SiGe Bipolar 3G/3.5G/4G Single-Band LNA
Revision 3.1, 2013-01-31
BGA751N7 INFINEON-BGA751N7 Datasheet
1Mb / 39P
   SiGe Bipolar 3G/3.5G/4G Single-Band LNA
Revision 3.1, 2013-01-31
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
[Old version datasheet]   LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3279 TI-LM3279 Datasheet
1Mb / 31P
[Old version datasheet]   LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
logo
ON Semiconductor
FAN5904 ONSEMI-FAN5904 Datasheet
2Mb / 25P
   Multi-Mode Buck Converter
Rev. 3.0.7
FAN5909 ONSEMI-FAN5909 Datasheet
665Kb / 15P
   Multi-Mode Buck Converter
November, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FAN5902 FAIRCHILD-FAN5902 Datasheet
397Kb / 8P
   800mA Buck Converter for 3G RFPAs
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com