Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1204 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1204
Description  Full-featured evaluation module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204 Fiches technique(HTML) 4 Page - Texas Instruments

  AMC1204 Datasheet HTML 1Page - Texas Instruments AMC1204 Datasheet HTML 2Page - Texas Instruments AMC1204 Datasheet HTML 3Page - Texas Instruments AMC1204 Datasheet HTML 4Page - Texas Instruments AMC1204 Datasheet HTML 5Page - Texas Instruments AMC1204 Datasheet HTML 6Page - Texas Instruments AMC1204 Datasheet HTML 7Page - Texas Instruments AMC1204 Datasheet HTML 8Page - Texas Instruments AMC1204 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Power-Supplies
www.ti.com
4
Power-Supplies
J2 provides access to the +5 VA for the V
DD2 supply. All power to the board should be sourced from a
well-regulated, linear supply that has current limiting capabilities. Power is to be applied through J2.
Table 1 describes the pinout for J2.
Table 1. J2: Power Supply and Digital Outputs
Signal
Pin Number
Signal
Ground
1
2
Not used
4.5 to 5.5 V
DD2 supply
3
4
Not used
Ground
5
6
Optional CLKIN output
CLKIN default
7
8
DATA default
Optional DATA output
9
For standalone operation, power sources can also be applied via a mating connector to J2, and the digital
output data stream can be wired directly to an FPGA or other digital filter module for further processing.
Refer to Figure 2 or the schematic appended to the end of this document for additional details.
5
EVM Set-up and Operation
This section describes the general operation of the AMC1204EVM.
5.1
Isolated Power and Analog Inputs: J1 and J4
The isolated power input to the AMC1204EVM printed circuit board (PCB) can be applied directly to J1,
pins 1 and 2. Table 2 lists the details of J1.
Table 2. J1: Isolated Power
Pin Number
Signal
Description
J1.1
ISOGND
Connection to the AMC1204 GND1 pin
J1.2
5 V
ISO
Connection to the AMC1204 VDD1 terminal
The analog input to the AMC1204EVM PCB can be applied directly to J4 pins 1 and 2. Table 3 lists the
details of J4.
CAUTION
Carefully review the AMC1204 product data sheet for the limitations of the
analog input range, and ensure that the appropriate analog/digital voltages are
applied before connecting any analog input to the EVM.
Table 3. J4: Analog Inputs
Pin Number
Signal
Description
J4.1
CHA+
Noninverting analog input to the AMC1204
J4.2
CHA–
Inverting input to the AMC1204
4
AMC1204EVM
SBAU178 – August 2010
Copyright © 2010, Texas Instruments Incorporated


Numéro de pièce similaire - AMC1204

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Description similaire - AMC1204

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
UG-490 AD-UG-490 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
UG-581 AD-UG-581 Datasheet
1Mb / 28P
   Full-featured evaluation board
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
   Full featured evaluation board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com