Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN302HLMY Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN302HLMY
Description  PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN302HLMY Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN302HLMY Datasheet HTML 1Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 2Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 3Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 4Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 5Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 6Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 7Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 8Page - Fairchild Semiconductor FAN302HLMY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN302HLMY_F117 • Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the Absolute Maximum Ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VHV
HV Pin Input Voltage
500
V
VVDD
DC Supply Voltage
(1,2)
30
V
VVS
VS Pin Input Voltage
-0.3
7.0
V
VCS
CS Pin Input Voltage
-0.3
7.0
V
VFB
FB Pin Input Voltage
-0.3
7.0
V
PD
Power Dissipation (TA=25
°C)
660
mW
θJA
Thermal Resistance (Junction-to-Air)
150
°C/W
θJC
Thermal Resistance (Junction-to-Case)
39
°C/W
TJ
Operating Junction Temperature
-40
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature, (Wave Soldering or IR, 10 Seconds)
+260
°C
ESD
Electrostatic Discharge Capability
Human Body Model,
JEDEC:JESD22_A114
(Except HV Pin)
(3)
5000
V
Charged Device Model,
JEDEC:JESD22_C101
(Except HV Pin)
(3)
1500
Notes:
1.
All voltage values, except differential voltages, are given with respect to GND pin.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
3.
ESD ratings including the HV pin: HBM=400V, CDM=750V.


Numéro de pièce similaire - FAN302HLMY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
More results

Description similaire - FAN302HLMY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Seaward Electronics Inc...
SE3901 SEAWARD-SE3901 Datasheet
335Kb / 8P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
BCD Semiconductor Manuf...
AP3700E BCDSEMI-AP3700E Datasheet
234Kb / 12P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700A BCDSEMI-AP3700A Datasheet
228Kb / 11P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
AP3700 BCDSEMI-AP3700 Datasheet
186Kb / 10P
   LOW POWER PWM CONTROLLER FOR OFF-LINE BATTERY CHARGER
logo
Seaward Electronics Inc...
SE3900 SEAWARD-SE3900 Datasheet
238Kb / 6P
   Low Power PWM Controller for OFF-LINE Battery Charger
logo
Fairchild Semiconductor
FAN6755UWMY FAIRCHILD-FAN6755UWMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6755WMY FAIRCHILD-FAN6755WMY Datasheet
1Mb / 17P
   mWSaver??PWM Controller
FAN6757 FAIRCHILD-FAN6757 Datasheet
1Mb / 17P
   mWSaver PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com