Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-210-E Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce STK672-210-E
Description  Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-210-E Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  STK672-210-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-210-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STK672-210-E
No. 7464-2/10
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC1 max
No signal
52
V
Maximum supply voltage 2
VCC2 max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +7.0
V
Output current
IOH max
0.5s, 1 pulse, when VCC1 is applied
2.2
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
6.5
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC1
With signals applied
10 to 45
V
Supply voltage 2
VCC2
With signals applied
5.0 ± 5%
V
Input voltage
VIH
0 to VCC2V
Phase driver withstand voltage
VDSS
ID = 1mA (Tc = 25°C)
100
V
Output current 1
IOH1
When the pin 6 to 9 signals are
≥ 100Hz,
Tc = 105°C, 50% duty
1.4
A
Output current 2
IOH2
When the pin 6 to 9 signals are
≥ 100Hz,
Tc = 90°C, 50% duty
1.6
A
Electrical Characteristics at Tc = 25
°C, VCC1 = 24V, VCC2 = 5V
Rating
Parameters
Symbols
Conditions
min
typ
max
unit
Control supply current
ICCO
With all inputs at the VCC2 level
3.3
10
mA
Output average current
Ioave
With R/L = 3.5
Ω/3.8mH in each phase
0.405
0.450
0.505
A
FET diode forward voltage
Vdf
If = 1.0A
1.1
1.8
V
Output saturation voltage
Vsat
RL = 24Ω
0.8
1.2
V
Vref input voltage
VrH
Pin 12
0
3.5
V
Vref input bias current
IIB
With pin 12 at 1V
50
500
nA
[Control Input Pins]
VIH
HIC pins 6 to 9
3.5
V
Input voltage
VIL
HIC pins 6 to 9
0.7
V
IIH
HIC pins 6 to 9, VIN = VCC2
310
μA
Input current
IIL
HIC pins 6 to 9, VIN = 0V
2.5
μA
Note: A fixed-voltage power supply must be used.
Package Dimensions
unit:mm (typ)
4168
1
12
11 2=22
0.5
2.0
32.5
8.5
0.4
2.9


Numéro de pièce similaire - STK672-210-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
More results

Description similaire - STK672-210-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
logo
List of Unclassifed Man...
STK6980 ETC1-STK6980 Datasheet
108Kb / 2P
   4-PHASE STEPPING MOTOR DRIVE FOR UNIPOLAR CONSTANT-CURRENT CHOPPER DRIVER
logo
Toshiba Semiconductor
TB67S539FTG TOSHIBA-TB67S539FTG Datasheet
1Mb / 39P
   BiCD Constant-Current Two-Phase Bipolar Stepping Motor Driver IC
2022-06-21 Ver.1.1
logo
Sanyo Semicon Device
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com