Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1939T Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LB1939T
Description  2 Channel H Bridge Constant Voltage/Constant Current Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1939T Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LB1939T Datasheet HTML 1Page - Sanyo Semicon Device LB1939T Datasheet HTML 2Page - Sanyo Semicon Device LB1939T Datasheet HTML 3Page - Sanyo Semicon Device LB1939T Datasheet HTML 4Page - Sanyo Semicon Device LB1939T Datasheet HTML 5Page - Sanyo Semicon Device LB1939T Datasheet HTML 6Page - Sanyo Semicon Device LB1939T Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 6194-2/7
LB1939T
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby mode current drain
ISTB
VS = VDD = 6.5 V
0.1
1.0
µA
[Regulator Output Circuit]
VREF output voltage
VREF
IOL = 0 to 1 mA
0.85
0.9
0.95
V
SVDD output voltage
VSVDD
IOL = 10 mA
4.7
4.8
V
[H Bridge Output Circuit]
OUT pin output saturation voltage 1
Vosat1
VDD = 5.0 V, VC = SVDD, VS = 2.0 V
0.20
0.30
V
(Saturation control mode)
IO = 200 mA (PNP transistor side)
OUT pin output saturation voltage 2
Vosat2
VDD = 5.0 V, VC = SVDD, VS = 2.0 V
0.10
0.15
V
(Saturation control mode)
IO = 200 mA (NPN transistor side)
OUT pin output voltage 1
VOUT1
VDD = 6.0 V, VC = 1.5 V, VS = 3.5 V
2.8
2.9
3.0
V
(Constant voltage control mode)
IO = 200 mA (PNP transistor side)
OUT pin output voltage 2
VOUT2
VDD = 6.0 V, VC = VREF, VS = 2.0 V
1.65
1.75
1.85
V
(Constant voltage control mode)
IO = 200 mA (PNP transistor side)
OUT pin output current 1
IOUT1
VDD = 6.0 V, VC = 0.9 V, VS = 3.5 V
197
210
223
mA
(Constant current control mode)
RL = 5
Ω (between OUT and OUT), RFB = 1 Ω
OUT pin output current 2
IOUT2
VDD = 6.0 V, VC = VREF, VS = 2.0 V
189
210
231
mA
(Constant current control mode)
RL = 5
Ω (between OUT and OUT), RFB = 1 Ω
VS system operating current drain 1
IS1
VC = SVDD
4
7
mA
VS system operating current drain 2
IS2
VC = VREF
1.5
3
mA
VDD system operating current drain 1
IDD1
VC = SVDD ENA1 = 2 V
4
7
mA
VDD system operating current drain 2
IDD2
VC = VREF ENA1 = 2 V
4
7
mA
VC input voltage range
VC
0.1
7
V
VC input current
IVC
VDD = 6.0 V, VS = 2.0 V, VC = 5.0 V
0
50
100
µA
[Control Input Circuit]
Control pin maximum input current
IIH
VIH = 5.5 V
70
100
µA
IIL
VIL = GND
–1
0
µA
Electrical Characteristics at Ta = 25°C, VS = 3.0 V, VDD = 5.0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operation guaranteed voltage range 1
VOPR1
VDD system, VS = 2.0 V
1.9
6.5
V
Operation guaranteed voltage range 2
VOPR2
VS system, VDD = 5.0 V
1.6
7.5
V
Input low-level threshold voltage
VIL
ENA1, ENA2, IN1, IN2
–0.3
+1.0
V
Input high-level threshold voltage
VIH
ENA1, ENA2, IN1, IN2
2.0
6.0
V
Allowable Operating Conditions at Ta = 25°C
0.2
0
0.4
0.6
0.8
1
–20
0
20
40
60
80
100
Pd max — Ta
Mounted on a 114.3
× 76.1 × 1.6 mm
glass-epoxy printed circuit board
Ambient temperature, Ta —
°C


Numéro de pièce similaire - LB1939T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
LB1939T-MPB-E ONSEMI-LB1939T-MPB-E Datasheet
49Kb / 1P
   LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
LB1939T-TLM-E ONSEMI-LB1939T-TLM-E Datasheet
49Kb / 1P
   LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
More results

Description similaire - LB1939T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
ON Semiconductor
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1939T-TLM-E ONSEMI-LB1939T-TLM-E Datasheet
49Kb / 1P
   LB1939T Motor Driver, Constant Voltage / Current, H-Bridge, 2-Channel
1/15/2015
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T-TLM-H ONSEMI-LB1940T-TLM-H Datasheet
251Kb / 8P
   2-ch H-Bridge Constant Current Driver
December, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
LV8082LP_0712 SANYO-LV8082LP_0712 Datasheet
104Kb / 6P
   Constant-voltage 1ch Constant-current 1ch H-Bridge
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
SHENZHEN FUMAN ELECTRON...
FM1800 FUMAN-FM1800 Datasheet
343Kb / 6P
   Constant current constant voltage IC
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com