Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVXC3245QSC Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74LVXC3245QSC
Description  8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXC3245QSC Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74LVXC3245QSC_09 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 8Page - Fairchild Semiconductor 74LVXC3245QSC_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 6: Typical values at VCCA = 3.3V, VCCB = 5.0V @ 25°C.
Note 7: Typical values at VCCA = 3.3V, VCCB = 3.3V @ 25°C.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Note 9: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°CTA = +25°CTA = −40°C to +85°C
Units
CL = 50 pF
CL = 50 pF
CL = 50 pF
CL = 50 pF
VCCA = 2.7V–3.6V
VCCA = 2.7V–3.6V
VCCA = 2.7V–3.6V
VCCA = 2.7V–3.6V
VCCB = 4.5V–5.5V
VCCB = 4.5V–5.5V
VCCB = 3.0V–3.6V
VCCB = 3.0V–3.6V
Min
Typ
Max
Min
Max
Min
Typ
Max
Min
Max
(Note 6)
(Note 7)
tPHL
Propagation Delay
1.0
4.8
8.0
1.0
8.5
1.0
5.5
8.5
1.0
9.0
ns
tPLH
A to B
1.0
3.9
6.5
1.0
7.0
1.0
5.2
8.0
1.0
8.5
tPHL
Propagation Delay
1.0
3.8
6.5
1.0
7.0
1.0
4.4
7.0
1.0
7.5
ns
tPLH
B to A
1.0
4.3
7.5
1.0
8.0
1.0
5.1
7.5
1.0
8.0
tPZL
Output Enable Time
1.0
4.7
8.0
1.0
8.5
1.0
6.0
9.0
1.0
9.5
ns
tPZH
OE to B
1.0
4.8
8.5
1.0
9.0
1.0
6.1
9.5
1.0
10.0
tPZL
Output Enable Time
1.0
5.9
9.5
1.0
10.0
1.0
6.4
10.0
1.0
10.5
ns
tPZH
OE to A
1.0
5.4
9.0
1.0
9.5
1.0
5.8
9.0
1.0
9.5
tPHZ
Output Disable Time
1.0
4.0
8.0
1.0
8.5
1.0
6.3
9.5
1.0
10.0
ns
tPLZ
OE to B
1.0
3.8
7.5
1.0
8.0
1.0
4.5
8.0
1.0
8.5
tPHZ
Output Disable Time
1.0
4.6
9.5
1.0
10.0
1.0
5.2
9.5
1.0
10.0
ns
tPLZ
OE to A
1.0
3.1
6.5
1.0
7.0
1.0
3.4
6.5
1.0
7.0
tOSHL
Output to Output
tOSLH
Skew (Note 8)
1.0
1.5
1.5
1.0
1.5
1.5
ns
Data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CI/O
Input/Output Capacitance
10
pF
VCCA = 3.3V
VCCB = 5.0V
CPD
Power Dissipation
A
→B50
pF
VCCB = 5.0V
Capacitance (Note 9)
B
→A40
pF
VCCA = 3.3V


Numéro de pièce similaire - 74LVXC3245QSC_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245QSC FAIRCHILD-74LVXC3245QSC Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245QSC ONSEMI-74LVXC3245QSC Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
More results

Description similaire - 74LVXC3245QSC_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC4245 FAIRCHILD-74LVXC4245 Datasheet
82Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245 FAIRCHILD-74LVXC3245 Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245WMX FAIRCHILD-74LVXC3245WMX Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVXC4245 NSC-54LVXC4245 Datasheet
115Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com