Moteur de recherche de fiches techniques de composants électroniques |
|
74LVTH2245MTC Fiches technique(PDF) 6 Page - Fairchild Semiconductor |
|
74LVTH2245MTC Fiches technique(HTML) 6 Page - Fairchild Semiconductor |
6 / 9 page ©1999 Fairchild Semiconductor Corporation www.fairchildsemi.com 74LVT2245, 74LVTH2245 Rev. 1.5.0 6 Physical Dimensions Figure 1. 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ 0.10 C C A SEE DETAIL A NOTES: UNLESS OTHERWISE SPECIFIED A) THIS PACKAGE CONFORMS TO JEDEC MS-013, VARIATION AC, ISSUE E B) ALL DIMENSIONS ARE IN MILLIMETERS. C) DIMENSIONS DO NOT INCLUDE MOLD FLASH OR BURRS. E) LANDPATTERN STANDARD: SOIC127P1030X265-20L PIN ONE INDICATOR 0.25 1 10 B C A M 20 11 B X45 ° 8 ° 0 ° SEATING PLANE GAGE PLANE DETAIL A SCALE: 2:1 SEATING PLANE LAND PATTERN RECOMMENDATION F) DRAWING FILENAME: MKT-M20BREV3 0.65 1.27 2.25 9.50 13.00 12.60 11.43 7.60 7.40 10.65 10.00 0.51 0.35 1.27 2.65 MAX 0.30 0.10 0.33 0.20 0.75 0.25 (R0.10) (R0.10) 1.27 0.40 (1.40) 0.25 D) CONFORMS TO ASME Y14.5M-1994 |
Numéro de pièce similaire - 74LVTH2245MTC_08 |
|
Description similaire - 74LVTH2245MTC_08 |