Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX08 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCX08
Description  Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX08 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCX08_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX08_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX08 Rev. 1.5.0
February 2008
74LCX08
Low Voltage Quad 2-Input AND Gate with 5V
Tolerant Inputs
Features
5V tolerant inputs
2.3V–3.6V VCC specifications provided
5.5ns tPD max. (VCC = 3.3V), 10µA ICC max.
Power down high impedance inputs and outputs
±24mA output drive (VCC = 3.0V)
Latch-up performance exceeds JEDEC 78 conditions
ESD performance:
– Human body model
> 2000V
– Machine model
> 150V
Leadless DQFN package
General Description
The LCX08 contains four 2-input AND gates. The inputs
tolerate voltages up to 7V allowing the interface of 5V
systems to 3V systems.
The 74LVX08 is fabricated with advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Note:
1. DQFN package available in Tape and Reel only.
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LCX08M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX08BQX(1)
MLP14A
14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74LCX08MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Implements proprietary noise/EMI reduction circuitry


Numéro de pièce similaire - 74LCX08_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX08BQX FAIRCHILD-74LCX08BQX Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08BQX ONSEMI-74LCX08BQX Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Toshiba Semiconductor
74LCX08FT TOSHIBA-74LCX08FT Datasheet
162Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-13 Rev.4.0
logo
Fairchild Semiconductor
74LCX08M FAIRCHILD-74LCX08M Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08M FAIRCHILD-74LCX08M Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results

Description similaire - 74LCX08_08

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX08 ONSEMI-74LCX08 Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08 Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
   Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F Datasheet
251Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com