Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G97 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74AUP1G97
Description  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G97 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AUP1G97 Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G97 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G97 • 1.0.5
6
DC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to +85°C
Units
Min.
Max.
Min.
Max.
VP
Positive Threshold
Voltage
0.80
0.30
0.60
0.30
0.60
V
1.10
0.53
0.90
0.53
0.90
1.40
0.74
1.11
0.74
1.11
1.65
0.91
1.29
0.91
1.29
2.30
1.37
1.77
1.37
1.77
3.00
1.88
2.29
1.88
2.29
VN
Negative
Threshold Voltage
0.80
0.10
0.60
0.10
0.60
V
1.10
0.26
0.65
0.26
0.65
1.40
0.39
0.75
0.39
0.75
1.65
0.47
0.84
0.47
0.84
2.30
0.69
1.04
0.69
1.04
3.00
0.88
1.24
0.88
1.24
VH
Hysteresis Voltage
0.80
0.07
0.50
0.07
0.50
V
1.10
0.08
0.46
0.08
0.46
1.40
0.18
0.56
0.18
0.56
1.65
0.27
0.66
0.27
0.66
2.30
0.53
0.92
0.53
0.92
3.00
0.79
1.31
0.79
1.31
VOH
HIGH Level Output
Voltage
0.80
≤ VCC ≤ 3.60 IOH=-20µA
VCC-0.1
VCC-0.1
V
1.10
≤ VCC ≤ 1.30 IOH=-1.1mA
0.75 x VCC
0.70 x VCC
1.40
≤ VCC ≤ 1.60 IOH=-1.7mA
1.11
1.03
1.65
≤ VCC ≤ 1.95 IOH=-1.9mA
1.32
1.30
2.30
≤ VCC ≤ 2.70
IOH=-2.3mA
2.05
1.97
IOH=-3.1mA
1.90
1.85
3.00
≤ VCC ≤ 3.60
IOH=-2.7mA
2.72
2.67
IOH=-4.0mA
2.60
2.55
VOL
LOW Level Output
Voltage
0.80
≤ VCC ≤ 3.60 IOL=20µA
0.10
0.10
V
1.10
≤ VCC ≤ 1.30 IOL=1.1mA
0.30 x VCC
0.30 x VCC
1.40
≤ VCC ≤ 1.60 IOL=1.7mA
0.31
0.37
1.65
≤ VCC ≤ 1.95 IOL=1.9mA
0.31
0.35
2.30
≤ VCC ≤ 2.70
IOL=2.3mA
0.31
0.33
IOL=3.1mA
0.44
0.45
2.70
≤ VCC ≤ 3.60
IOL=2.7mA
0.31
0.33
IOL=4.0mA
0.44
0.45
IIN
Input Leakage
Current
0V to 3.6V
0
≤ VIN ≤ 3.6
±0.1
±0.5
µA
IOFF
Power Off Leakage
Current
0V
0
≤ (VIN,VO)≤ 3.6
0.2
0.6
µA
ΔIOFF
Additional Power
Off Leakage
Current
0V to 0.2V
VIN or VO = 0V
to 3.6V
0.2
0.6
µA
ICC
Quiescent Supply
Current
0.8V to 3.6V
VIN - VCC or
GND
0.5
0.9
µA
VCC ≤ VIN ≤ 3.6
±0.9
ΔICC
Increase in ICC per
Input
3.3V
VIN = VCC -0.6V
40.0
50.0
µA


Numéro de pièce similaire - 74AUP1G97

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G97 PHILIPS-74AUP1G97 Datasheet
97Kb / 19P
   Low-power configurable multiple function gate
Rev. 01-7 November 2006
74AUP1G97 NXP-74AUP1G97 Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
74AUP1G97 NXP-74AUP1G97 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
ON Semiconductor
74AUP1G97 ONSEMI-74AUP1G97 Datasheet
593Kb / 13P
   Low Power Universal Configurable Two-Input Logic Gate
October 2010 Rev 1.0.5
More results

Description similaire - 74AUP1G97

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com