Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G96L6X Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74AUP1G96L6X
Description  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G96L6X Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74AUP1G96L6X Datasheet HTML 1Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G96L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G96 • Rev. 1.0.1
5
DC Electrical Characteristics
Symbol
Parameter
VCC
Condition
TA=25°C
TA=-40 to 85°C
Unit
Min.
Max.
Min.
Max.
VP
Positive
Threshold
Voltage
0.80
0.30
0.60
0.30
0.60
V
1.10
0.53
0.90
0.53
0.90
1.40
0.74
1.11
0.74
1.11
1.65
0.91
1.29
0.91
1.29
2.30
1.37
1.77
1.37
1.77
3.00
1.88
2.29
1.88
2.29
VN
Negative
Threshold
Voltage
0.80
0.10
0.60
0.10
0.60
V
1.10
0.26
0.65
0.26
0.65
1.40
0.39
0.75
0.39
0.75
1.65
0.47
0.84
0.47
0.84
2.30
0.69
1.04
0.69
1.04
3.00
0.88
1.24
0.88
1.24
VH
Hysteresis
Voltage
0.80
0.07
0.50
0.07
0.50
V
1.10
0.08
0.46
0.08
0.46
1.40
0.18
0.56
0.18
0.56
1.65
0.27
0.66
0.27
0.66
2.30
0.53
0.92
0.53
0.92
3.00
0.79
1.31
0.79
1.31
VOL
LOW Level
Output Voltage
0.80
≤ VCC ≤ 3.60 IOL=20 µA
0.10
0.10
V
1.10
≤ VCC ≤ 1.30 IOL=1.1 mA
0.30 x
VCC
0.30 x
VCC
1.40
≤ VCC ≤ 1.60 IOL=1.7 mA
0.31
0.37
1.65
≤ VCC ≤ 1.95 IOL=1.9 mA
0.31
0.35
2.30
≤ VCC ≤ 2.70 IOL=3.1 mA
0.44
0.45
2.70
≤ VCC ≤ 3.60 I
OL=4.0 mA
0.44
0.45
IIN
Input Leakage
Current
0 V to 3.6 V
0
≤ VIN ≤ 3.6 V
±0.1
±0.5
µA
IOFF
Power Off
Leakage
Current
0 V
0
≤ (VIN, VO)
≤ 3.6 V
0.2
0.6
µA
ΔIOFF
Additional
Power Off
Leakage
Current
0 V to 0.2 V
VIN or VO=0 V
to 3.6 V
0.2
0.6
µA
ICC
Quiescent
Supply Current
0.8 V to 3.6 V
VIN - VCC or GND
0.5
0.9
µA
VCC
≤ VIN ≤ 3.6 V
±0.9
ΔICC
Increase in ICC
per Input
3.3 V
VIN=VCC -0.6 V
40.0
50.0
µA


Numéro de pièce similaire - 74AUP1G96L6X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74AUP1G96L6X ONSEMI-74AUP1G96L6X Datasheet
423Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
September 2012 Rev. 1.0.1
More results

Description similaire - 74AUP1G96L6X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AUP1G56 FAIRCHILD-74AUP1G56 Datasheet
390Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com