Moteur de recherche de fiches techniques de composants électroniques |
|
FDD8445 Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
FDD8445 Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page www.fairchildsemi.com 2 Electrical Characteristics T J = 25°C unless otherwise noted Off Characteristics On Characteristics Dynamic Characteristics Symbol Parameter Test Conditions Min Typ Max Units BVDSS Drain to Source Breakdown Voltage ID = 250μA, VGS = 0V 40 - - V IDSS Zero Gate Voltage Drain Current VDS = 32V VGS = 0V - - 1 μA TJ=150°C - - 250 IGSS Gate to Source Leakage Current VGS = ±20V - - ±100 nA VGS(th) Gate to Source Threshold Voltage VDS = VGS, ID = 250μA 2 2.8 4 V RDS(ON) Drain to Source On Resistance ID = 50A, VGS = 10V - 6.7 8.7 m Ω ID = 50A, VGS = 10V, TJ = 175°C - 12.5 16.3 CISS Input Capacitance VDS = 25V, VGS = 0V, f = 1MHz - 3040 4050 pF COSS Output Capacitance - 295 390 pF CRSS Reverse Transfer Capacitance - 178 270 pF RG Gate Resistance f = 1MHz - 1.7 - Ω Qg(TOT) Total Gate Charge at 10V VGS = 0 to 10V VDD=20V, ID = 50A - 45 59 nC Qg(5) Total Gate Charge at 5V VGS = 0 to 5V - 17 22 nC Qg(TH) Threshold Gate Charge VGS = 0 to 2V - 5.8 7.6 nC Qgs Gate to Source Gate Charge - 12.5 - nC Qgs2 Gate Charge Threshold to Plateau - 9.5 - nC Qgd Gate to Drain “Miller” Charge - 10.5 - nC Absolute Maximum Ratings T c = 25°C unless otherwise noted Thermal Characteristics Package Marking and Ordering Information Symbol Parameter Ratings Units VDSS Drain to Source Voltage 40 V VGS Gate to Source Voltage ±20 V ID Drain Current Continuous (VGS=10v) (Note 1) 70 A Continuous (VGS=10v,with RθJA = 52oC/W) 15.2 A Pulsed Figure 4 EAS SinglePulseAvalancheEnergy (Note2) 144 mJ PD Power Dissipation 79 W Derate above 25oC0.53 W/oC TJ, TSTG Operating and Storage Temperature -55 to +175 oC RθJC Thermal Resistance, Junction to Case 1.9 oC/W RθJA Thermal Resistance, Junction to Ambient TO-252, lin2 copper pad area 52 oC/W Device Marking Device Package Reel Size Tape Width Quantity _F085 12mm 2500 units FDD8445 FDD8445 TO-252AA 13” FDD8445 _F085 Rev A (W) |
Numéro de pièce similaire - FDD8445_10 |
|
Description similaire - FDD8445_10 |