Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCB20N60F Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FCB20N60F
Description  600V N-Channe MOSFET 600V, 20A, 190m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB20N60F Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FCB20N60F_12 Datasheet HTML 1Page - Fairchild Semiconductor FCB20N60F_12 Datasheet HTML 2Page - Fairchild Semiconductor FCB20N60F_12 Datasheet HTML 3Page - Fairchild Semiconductor FCB20N60F_12 Datasheet HTML 4Page - Fairchild Semiconductor FCB20N60F_12 Datasheet HTML 5Page - Fairchild Semiconductor FCB20N60F_12 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Figure 5.
110
100
1000
0.01
0.1
1
10
100
LIMITED BY
PACKAGE
100us
1ms
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TC = 25
oC
DC
Forward Bias Safe Operating Area
1E-3
0.01
0.1
1
10
1
10
100
STARTING TJ = 150oC
STARTING TJ = 25oC
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7.
246
8
10
1
10
100
TJ = -55oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VDD = 20V
VGS, GATE TO SOURCE VOLTAGE (V)
Transfer Characteristics
Figure 8.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001
10
100
TJ = 25oC
TJ = 175 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Forward Diode Characteristics
Figure 9.
0.1
1
10
1
10
100
6V
VGS
15V Top
10V
8V
7V
6.5V
6V
5.5V Bottom
80μs PULSE WIDTH
Tj=25C
VDS, DRAIN TO SOURCE VOLTAGE (V)
Saturation Characteristics
Figure 10.
0.1
1
10
1
10
100
5.5V
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS
15V Top
10V
8V
7V
6.5V
6V
5.5V Bottom
80μs PULSE WIDTH
Tj=175C
Saturation Characteristics
Typical Characteristics
FCB20N60F_F085 Rev. C1


Numéro de pièce similaire - FCB20N60F_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCB20N60FTM FAIRCHILD-FCB20N60FTM Datasheet
862Kb / 8P
   600V N-CHANNEL FRFET
FCB20N60FTM FAIRCHILD-FCB20N60FTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Description similaire - FCB20N60F_12

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOK20N60 AOSMD-AOK20N60 Datasheet
450Kb / 5P
   600V,20A N-Channel MOSFET
AOTF20C60P AOSMD-AOTF20C60P Datasheet
462Kb / 6P
   600V,20A N-Channel MOSFET
logo
E-CMOS Corporation
EC7320NS60 E-CMOS-EC7320NS60 Datasheet
599Kb / 6P
   600V, 20A N-Channel MOSFET
EC7320NS60F E-CMOS-EC7320NS60F Datasheet
499Kb / 6P
   600V, 20A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB20C60PL AOSMD-AOB20C60PL Datasheet
452Kb / 6P
   600V,20A N-Channel MOSFET
logo
List of Unclassifed Man...
FQPF20N60 ETC1-FQPF20N60 Datasheet
450Kb / 6P
   600V,20A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOT20N60 AOSMD-AOT20N60 Datasheet
545Kb / 6P
   600V,20A N-Channel MOSFET
AOK20N60L AOSMD-AOK20N60L Datasheet
337Kb / 5P
   600V,20A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com