Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8960 Fiches technique(PDF) 43 Page - Wolfson Microelectronics plc

No de pièce WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Fiches technique(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8960_11 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
Production Data
WM8960
w
PD, October 2011, Rev 4.1
43
VOLUME UPDATES
Volume settings will not be applied to input or output PGAs until a '1' is written to one of the update
bits (IPVU, OUT1VU, SPKVU bits). This is to allow left and right channels to be updated at the same
time, as shown in Figure 16.
Figure 16 Simultaneous Left and Right Volume Updates
If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in
Figure 17.
Figure 17 Click Noise during Volume Update
In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause
the PGA volume to update only when a zero crossing occurs, minimising click noise as shown in
Figure 18.


Numéro de pièce similaire - WM8960_11

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL/V CIRRUS-WM8960CGEFL/V Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960GEFL/RV WOLFSON-WM8960GEFL/RV Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960GEFL/V WOLFSON-WM8960GEFL/V Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results

Description similaire - WM8960_11

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com