Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VNH5180A-E Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce VNH5180A-E
Description  Automotive fully integrated H-bridge motor driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5180A-E Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button VNH5180A-E Datasheet HTML 7Page - STMicroelectronics VNH5180A-E Datasheet HTML 8Page - STMicroelectronics VNH5180A-E Datasheet HTML 9Page - STMicroelectronics VNH5180A-E Datasheet HTML 10Page - STMicroelectronics VNH5180A-E Datasheet HTML 11Page - STMicroelectronics VNH5180A-E Datasheet HTML 12Page - STMicroelectronics VNH5180A-E Datasheet HTML 13Page - STMicroelectronics VNH5180A-E Datasheet HTML 14Page - STMicroelectronics VNH5180A-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
VNH5180A-E
Electrical specifications
Doc ID 17074 Rev 5
11/31
Table 11.
Protections and diagnostics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSD
Undervoltage shutdown
3
5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
ILIM_H
High-side current limitation
8
12
16
A
ISD_LS
Shutdown LS current
16
30
52
A
VCLPH
High-side clamp voltage (VCC to
OUTA =0 or OUTB =0)
IOUT = 2.5 A
41
46
52
V
VCLPLS
Low-side clamp voltage
(OUTA =VCC or
OUTB = VCC to GND)
IOUT =2.5 A
41
46
52
V
TTSD
(1)
1.
TTSD is the minimum threshold temperature between HS and LS
Thermal shutdown temperature
VIN = 2.1 V
150
175
200
°C
TTR
(2)
2.
Valid for both HSD and LSD.
Thermal reset temperature
135
°C
THYST
(2)
Thermal hysteresis (TSD -TR)7
°C
TTSD_LS
Low-side thermal shutdown
temperature
VIN = 2.1 V
150
175
200
°C
VCLP
Total clamp voltage (VCC to GND) IOUT =2.5 A
41
46
52
V
tSD_LS
Time to shutdown for the low-side
10
µs
Table 12.
Current sense (9 V < VCC <18V)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
K0
IOUT/ISENSE
IOUT =0.35 A; VSENSE = 0.32 V;
VCSD =0 V; Tj = - 40 to 150 °C
645
840
1140
K1
IOUT/ISENSE
IOUT =1 A; VSENSE = 0.98 V;
VCSD =0 V; Tj = - 40 to 150 °C
700
820
955
K2
IOUT/ISENSE
IOUT = 2.5 A; VSENSE =2.4 V;
VCSD =0 V; Tj = - 40 to 150 °C
710
810
900
K3
IOUT/ISENSE
IOUT =4 A; VSENSE =4V; VCSD =0 V;
Tj = - 40 to 150 °C
690
790
900
dK0/K0
(1)
Analog sense
current drift
IOUT = 0.35A; VSENSE = 0.32V;
VCSD =0 V; Tj = - 40 to 150 °C
-18
18
%
dK1/K1
(1)
Analog sense
current drift
IOUT =1 A; VSENSE = 0.98 V;
VCSD =0 V; Tj = - 40 to 150 °C
-13
13
%
dK2/K2
(1)
Analog sense
current drift
IOUT =2.5A; VSENSE =2.4V;
VCSD =0 V; Tj = - 40 to 150 °C
-13
13
%
dK3/K3
(1)
Analog sense
current drift
IOUT =4A; VSENSE =4V; VCSD =0 V;
Tj = - 40 to 150 °C
-13
13
%
VSENSE
Max analog sense
output voltage
IOUT =2.5A; VCSD =0 V;
RSENSE =2 KΩ
5V


Numéro de pièce similaire - VNH5180A-E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
1Mb / 22P
   for car body applications
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
2Mb / 2P
   Fully-protected, eco-friendly motor control solutions
More results

Description similaire - VNH5180A-E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com