Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA5405RUG Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TCA5405RUG
Description  Works with low cost MSP430 based LaunchPad platform
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA5405RUG Fiches technique(HTML) 4 Page - Texas Instruments

  TCA5405RUG Datasheet HTML 1Page - Texas Instruments TCA5405RUG Datasheet HTML 2Page - Texas Instruments TCA5405RUG Datasheet HTML 3Page - Texas Instruments TCA5405RUG Datasheet HTML 4Page - Texas Instruments TCA5405RUG Datasheet HTML 5Page - Texas Instruments TCA5405RUG Datasheet HTML 6Page - Texas Instruments TCA5405RUG Datasheet HTML 7Page - Texas Instruments TCA5405RUG Datasheet HTML 8Page - Texas Instruments TCA5405RUG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Software Setup
www.ti.com
file located on the TPL0401 product page on www.ti.com. Download the zip file and extract its contents to
a desired location on your PC. You will see an executable file called TPL0401_GUI.exe in the extracted
folder. Double click the file to open it and the GUI program should launch. IMPORTANT: Before launching
the GUI please make sure the TPL0401EVM is setup in the desired mode and connected to the PC
through a USB port.
Figure 1. GUI for DPOT Control
There are three methods to adjust the value of the TPL0401A/B. Start by clicking one of the buttons
circled in GREEN to select the corresponding TPL0401 device.
To adjust the tap value directly simply click the box that says tap and you will be prompted to input a tap
value between 0 and 127. After typing in the desired value press enter and the tap value will be sent to
the TPL0401A and the GUI will reflect the value you just entered.
To adjust the TPL0401 by inputting a wiper to low terminal resistance, click the box that says W-L
Resistance. You will then be prompted to input a value between 0 and 10,000 ohms; press enter after you
have input a value. The GUI will use the theoretical resistance values to find a tap that is closest to the
value that was input.
NOTE:
All W-L resistance values are typical values; the actual value will be within 20% of the
displayed value
4
TPL0401EVM
SLIU008
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Numéro de pièce similaire - TCA5405RUG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA5405RUG TI1-TCA5405RUG Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
TCA5405RUGR TI1-TCA5405RUGR Datasheet
501Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
MARCH2011
TCA5405RUGR TI-TCA5405RUGR Datasheet
512Kb / 13P
[Old version datasheet]   Low Voltage 5-Bit Self-Timed, Single-Wire Output Expander
More results

Description similaire - TCA5405RUG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA7408EVM TI1-TCA7408EVM Datasheet
554Kb / 14P
[Old version datasheet]   Works with MSP430 Launchpad
logo
STMicroelectronics
AN1729 STMICROELECTRONICS-AN1729 Datasheet
203Kb / 10P
   L6565-BASED LOW COST SMPS FOR TV WITH
logo
International Rectifier
IRMCS203 IRF-IRMCS203 Datasheet
158Kb / 1P
   Low cost complete sensorless drive design platform
IRMCS2013 IRF-IRMCS2013 Datasheet
535Kb / 26P
   Encoder Based Low Voltage Servo Drive Design Platform
logo
Moxa Inc.
UC-3100 MOXA-UC-3100 Datasheet
3Mb / 10P
   Arm-based computing platform with wireless built in
logo
Texas Instruments
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
logo
Xilinx, Inc
XC5200 XILINX-XC5200 Datasheet
584Kb / 73P
   Low-cost, register/latch rich, SRAM based
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com