Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74271132S Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 74271132S
Description  STAR-TEC Snap Ferrite with safety key technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74271132S Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74271132S Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271132S Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271132S Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74271132S Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7.1
7.0
6.0
REV
2012-06-27
2012-04-30
2008-01-03
DATE
SSt
SSt
SMu
BY
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
STAR-TEC Snap Ferrite with safety key
technology
Order.- No.
74271132S
SIZE
A4
A Dimensions: [mm]
Additional Features
Safety key to lock/ unkock
STAR-CLIP Fixation
74271
7427713
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Impedance @ 25 MHz 2 turns
Impedance @ 100 MHz 2 turns
Test conditions
25 MHz
100 MHz
25 MHz
100 MHz
Z
Z
Z
Z
Value
141
241
603
755
Unit
Ω
Ω
Ω
Ω
Tol.
±25%
±25%
typ.
typ.
E General information:
Storage Temperature (before assembly): 0°C to +40°C
Operating Temperature: -25°C to +105°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 74271132S

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74271132 WURTH-74271132 Datasheet
448Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
More results

Description similaire - 74271132S

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74271111 WURTH-74271111 Datasheet
440Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271142 WURTH-74271142 Datasheet
490Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271251 WURTH-74271251 Datasheet
262Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
001.000
74271112 WURTH-74271112 Datasheet
443Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271308 WURTH-74271308 Datasheet
467Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271151 WURTH-74271151 Datasheet
260Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
001.000
74271132 WURTH-74271132 Datasheet
448Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271222 WURTH-74271222 Datasheet
451Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271112S WURTH-74271112S Datasheet
443Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
74271131 WURTH-74271131 Datasheet
451Kb / 4P
   STAR-TEC Snap Ferrite with safety key technology
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com