Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMG7430LFG Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce DMG7430LFG
Description  This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG7430LFG Fiches technique(HTML) 6 Page - Diodes Incorporated

  DMG7430LFG Datasheet HTML 1Page - Diodes Incorporated DMG7430LFG Datasheet HTML 2Page - Diodes Incorporated DMG7430LFG Datasheet HTML 3Page - Diodes Incorporated DMG7430LFG Datasheet HTML 4Page - Diodes Incorporated DMG7430LFG Datasheet HTML 5Page - Diodes Incorporated DMG7430LFG Datasheet HTML 6Page - Diodes Incorporated DMG7430LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMG7430LFG
Document number: DS35497 Rev. 5 - 2
6 of 7
www.diodes.com
February 2012
© Diodes Incorporated
DMG7430LFG
POWERDI is a registered trademark of Diodes Incorporated
Package Outline Dimensions
Suggested Pad Layout
POWERDI
®3333-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.25
3.35
3.30
D2
2.22
2.32
2.27
E2
1.56
1.66
1.61
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
0.203
b
0.27
0.37
0.32
b2
0.20
L
0.35
0.45
0.40
L1
0.39
e
0.65
Z
0.515
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.420
Y
3.700
Y1
2.250
Y2
1.850
Y3
0.700
X
2.370
X2
0.420
A
A1
A3
D
D2
E
E2
b2
(4x)
L
(4x)
L1
(3x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
X
Y
Y1
Y3
Y2
X2
C
14
85
G
G1


Numéro de pièce similaire - DMG7430LFG

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG7430LFG-13 DIODES-DMG7430LFG-13 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFG-7 DIODES-DMG7430LFG-7 Datasheet
223Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7430LFGQ DIODES-DMG7430LFGQ Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMG7430LFGQ-13 DIODES-DMG7430LFGQ-13 Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
DMG7430LFGQ-7 DIODES-DMG7430LFGQ-7 Datasheet
428Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI3333-8
July 2021 Rev. 2 - 2
More results

Description similaire - DMG7430LFG

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG4406LSS DIODES-DMG4406LSS Datasheet
232Kb / 6P
   This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
DMG4511SK4 DIODES-DMG4511SK4 Datasheet
202Kb / 10P
   This new generation MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com