Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce STD
Description  TPS7A4700EVM-094 Evaluation Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

STD Fiches technique(HTML) 1 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
User's Guide
SLVU741 – May 2012
TPS7A4700EVM-094 Evaluation Module
This User’s Guide describes the functional operation of theTPS7A4700EVM-094 Evaluation Module (EVM)
for use as a design reference and as a general engineering demonstration for the TPS7A4700 low dropout
linear (LDO) regulator. Included in this User’s Guide are setup instructions, a schematic diagram, layout
and thermal guidelines, a bill of materials, and test results.
Contents
1
Introduction
.................................................................................................................. 1
2
Setup
......................................................................................................................... 2
2.1
Input/Output Connector-Headers and Jumper Descriptions
.................................................. 2
2.2
Soldering Guidelines
............................................................................................... 2
2.3
Initial Setup and Equipment Interconnect
....................................................................... 3
3
Operation
..................................................................................................................... 3
4
Test Results
................................................................................................................. 3
4.1
Turn On Characteristic
............................................................................................ 3
4.2
Output Load Transient
............................................................................................. 4
5
Thermal Guidelines and Layout Recommendations
................................................................... 4
6
Board Layout
................................................................................................................ 5
7
Schematic and Bill of Materials
........................................................................................... 7
7.1
Schematic
........................................................................................................... 7
7.2
Bill of Materials
..................................................................................................... 8
List of Figures
1
Turn On Sequence
......................................................................................................... 3
2
Step Load and Output Voltage Transient Response
.................................................................. 4
3
Assembly Layer
............................................................................................................. 5
4
Top Layer Routing
.......................................................................................................... 6
5
Bottom Layer Routing
...................................................................................................... 6
6
TPS7A4700EVM-094 Schematic
......................................................................................... 7
List of Tables
1
J10 Jumper Voltages
....................................................................................................... 2
2
Thermal Resistance,
θ
JA, and Maximum Power Dissipation...........................................................
4
3
TPS7A4700EVM-094 Bill of Materials
................................................................................... 8
1
Introduction
The TI TPS7A4700-094 Evaluation Module is designed to help engineers evaluate the operation and
performance of the TPS7A4700 linear regulator for possible use in their own circuit application. Notable
features of this LDO regulator include thermal and current limit shutdown protection, pin selectable output
voltage, low dropout, and low noise (~3.5 µV/
√Hz). The EVM contains a single linear regulator in a 5 mm
× 5 mm, QFN (RGW), thermally enhanced ( PowerPad™) package. This regulator, including external
components, is capable of delivering up to 1.0 A to a dynamic load across the full recommended input and
output voltage range of the LDO. A multi-pin header with jumpers is provided to enable easy manual
selection of the output voltage.
PowerPad is a trademark of Texas Instruments.
1
SLVU741 – May 2012
TPS7A4700EVM-094 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Numéro de pièce similaire - STD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
1Mb / 15P
[Old version datasheet]   TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
STD TI1-STD Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
STD TI1-STD Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
Std TI1-Std Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Description similaire - STD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com