Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FP-025RE330M-S6XX Fiches technique(PDF) 1 Page - Nichicon corporation

No de pièce FP-025RE330M-S6XX
Description  Functional Polymer Aluminum Solid Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-025RE330M-S6XX Fiches technique(HTML) 1 Page - Nichicon corporation

  FP-025RE330M-S6XX Datasheet HTML 1Page - Nichicon corporation FP-025RE330M-S6XX Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NICHICON CORPORATION / FPCAP ELECTRONICS (SUZHOU) CO., LTD.
Lead-free
RoHS
Compliance
Specifications
[Unit : mm]
Dimensions
Size List
[
φD×L]
Products / Radial Lead Type
Functional Polymer Aluminum Solid Electrolytic Capacitors
S6 series
Applications
Features
· Switching Power Supply and DC/DC Converter.
· Buck up Power Supplies of CPU(VRM etc.)
· Miniature high Power Supply.
By using Functional Polymer cathode, Frequency & Temp.
characteristics are greatly improved.
· Low ESR at a high frequency range.
· High ripple current capability.
· Long life and high reliability.
Environmental Correspondence
Any environmental hazardous substances are not used.
· The lead free of terminal plating (Sn 100%)
Large
Capacitance
Low ESR
Low Profile
Condition
Capacitance
Leakage Current
tan δ
±20% (M)
105°C 2000Hrs at rated voltage
Capacitance Tolerance
Items
Characteristics
S6
Capacitance Range
2.5 to 25 V·DC
33 to 560
μF
Operating Temp. Range
Rated Voltage Range
-55 to +105°C
Failure Rate
Within ±20% of the value before test
Not to exceed the value specified
Not to exceed 150% of the value specified
0.1% / 1000Hrs. Max (60%CL)
Endurance
φD×L
φdP
α
6.3×5
0.5
2.5
1.0
6.3×6
0.45
2.5
1.0
R.V (S.V.)
[V]
Cap. [μF]
33
6.3×5
100
6.3×6
150
6.3×5
560
6.3×5
2.5
(2.8)
25
(28.7)
10
(11.5)
16
(18.4)
26
Aluminum Case
L+
α Max
15Min
4Min
φd
Stand off
Wire (Lead free)


Numéro de pièce similaire - FP-025RE330M-S6XX

FabricantNo de pièceFiches techniqueDescription
logo
Nichicon corporation
FP-025RE330M-S6 NICHICON-FP-025RE330M-S6 Datasheet
684Kb / 2P
   Miniature Sized, High Capacitance
More results

Description similaire - FP-025RE330M-S6XX

FabricantNo de pièceFiches techniqueDescription
logo
Nichicon corporation
R5SERIES NICHICON-R5SERIES Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RSL0E101MCN1GB NICHICON-RSL0E101MCN1GB Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
E5SERIES NICHICON-E5SERIES Datasheet
757Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
SLSHSERIES NICHICON-SLSHSERIES Datasheet
875Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RHT1D151MDN1 NICHICON-RHT1D151MDN1 Datasheet
170Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
PS_PASERIES NICHICON-PS_PASERIES Datasheet
171Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
S6SERIES NICHICON-S6SERIES Datasheet
164Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
RR50E561MDN1XX NICHICON-RR50E561MDN1XX Datasheet
899Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FSSERIES NICHICON-FSSERIES Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
R7SERIES NICHICON-R7SERIES Datasheet
1Mb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RFS0E181MCN1GS NICHICON-RFS0E181MCN1GS Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com