Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G14FZ4-7 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce 74AUP1G14FZ4-7
Description  SINGLE SCHMITT-TRIGGER INVERETER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G14FZ4-7 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button 74AUP1G14FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G14FZ4-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74AUP1G14
Document number: DS35152 Rev. 1 - 2
7 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G14
Operating and Package Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC
Typ
Unit
Cpd
Power Dissipation Capacitance
f = 1MHz
No Load
0.8V
6.5
pF
1.2V ± 0.1V
6.5
1.5V ± 0.1V
6.4
1.8V ± 0.15V
6.4
2.5V ± 0.2V
6.3
3.3V ± 0.3V
6.3
Ci
Input Capacitance
Vi = VCC or GND
0V or 3.3V
1.5
pF
θJA
Thermal Resistance Junction-
to-Ambient
SOT353
(Note 6)
371
oC/W
X2-DFN1410-6
430
X2-DFN1010-6
445
θJC
Thermal Resistance Junction-
to-Case
SOT353
(Note 6
143
oC/W
X2-DFN1410-6
190
X2-DFN1010-6
250
Notes:
6. Test condition for SOT353, X2-DFN1410-6, and X2-DFN1010-6 devices mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.
Parameter Measurement Information
RL
C L
(see Note A)
From Output
Under Test
=1M
VCC
Inputs
VM
CL
VI
tr/tf
0.8V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.2V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.5V ± 0.1V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
1.8V ± 0.15V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
2.5V ± 0.2V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
3.3V ± 0.3V
VCC
≤3ns
VCC/2
5, 10, 15, 30pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Numéro de pièce similaire - 74AUP1G14FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
More results

Description similaire - 74AUP1G14FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com