Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G07 Fiches technique(PDF) 7 Page - Diodes Incorporated

No de pièce 74AUP1G07
Description  SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G07 Fiches technique(HTML) 7 Page - Diodes Incorporated

Back Button 74AUP1G07 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 10Page - Diodes Incorporated 74AUP1G07 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74AUP1G07
Document number: DS35149 Rev. 1 - 2
7 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G07
Operating and Package Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC
Typ
Unit
Cpd
Power Dissipation
Capacitance
f = 1MHz
No Load
0.8V
2.6
pF
1.2V ± 0.1V
2.8
1.5V ± 0.1V
2.9
1.8V ± 0.15V
3.1
2.5V ± 0.2V
3.6
3.3V ± 0.3V
4.2
Ci
Input Capacitance
Vi = VCC or GND
0V or 3.3V
1.5
pF
θJA
Thermal Resistance
Junction-to-Ambient
SOT353
(Note 6)
371
°C/W
X2-DFN1410-6
430
X2-DFN1010-6
445
θJC
Thermal Resistance
Junction-to-Case
SOT353
(Note 6
143
°C/W
X2-DFN1410-6
190
X2-DFN1010-6
250
Notes:
6. Test condition for SOT353, X2-DFN1410-6, and X2-DFN1010-6 devices mounted on FR-4 substrate PC board, 2oz copper, with minimum
recommended pad layout.
Parameter Measurement Information
TEST
S1
RL
tPLZ/tPZL
VLOAD
5K
VCC
Inputs
VM
VLOAD
CL
V
VI
tr/tf
0.8V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.1V
1.2V±0.1V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.1V
1.5V±0.1V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.1V
1.8V±0.15V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.15V
2.5V±0.2V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.15V
3.3V±0.3 V
VCC
≤3ns
VCC/2
2 X VCC
5, 10, 15, 30pF
0.3V
Voltage Waveform Pulse Duration
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. For the open drain device the specified propagation delay tPD is the same as tPLZ and tPZL.


Numéro de pièce similaire - 74AUP1G07

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07 NXP-74AUP1G07 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results

Description similaire - 74AUP1G07

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com