Moteur de recherche de fiches techniques de composants électroniques |
|
DMF-50840 Fiches technique(PDF) 3 Page - Kyocera Kinseki Corpotation |
|
DMF-50840 Fiches technique(HTML) 3 Page - Kyocera Kinseki Corpotation |
3 / 4 page FPD Total Solution Provider Page 3 Graphic & Character LCDs www.kyocera-display.com ABN (Advanced Black Nematic) ABN as KYOCERA new development LCD mode achieves light shielding and achromatic color compared to TN/STN. Very high contrast from perpendicular and it enables highest performance in visibility. Pursued black background. extremely high contrast type LCD. • Improvement of light shielding on background and achromatic enables to pure black background. • High contrast from perpendicular. • Minimum color shift from low temp to high temp, achieved the high per- formance. Audio, automotive, measurement, electric appliance, meters, POS, etc. Started from segment type ODV, ABN. In order to meet mareket needs, KYOCERA has been seveloping higher resolution and higher performance LCD. Features: Example of Applications Development: Seven Segment LCD Character LCD Graphic LCD |
Numéro de pièce similaire - DMF-50840 |
|
Description similaire - DMF-50840 |