Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29038 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL29038
Description  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29038 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL29038 Datasheet HTML 1Page - Intersil Corporation ISL29038 Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISL29038
2
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7851.0
October 12, 2012
For additional products, see www.intersil.com/en/products.html
Pin Configuration
ISL29038
(8 LD ODFN)
TOP VIEW
FIGURE 2. ISL29038 BLOCK DIAGRAM
VDD
REXT
GND
SCL
IR PHOTODIODE
PHOTODIODE
4
3
5
2
FOSC
IREF
IRDR
ARRAY
ALS PHOTODIODE
AMPLIFIERS
(ALS AND IR)
ARRAY
DUAL CHANNEL
ADCs
8
INT
7
COMMAND
REGISTER
DATA
REGISTER
I2C
IR DRIVER
INTERRUPT
SDA
6
GNDIR
1
1
2
3
8
7
6
GNDIR
VDD
GND
IRDR
INT
SDA
4
5
REXT
SCL
THERMAL
PAD
Pin Description
PIN#
NAME
DESCRIPTION
1
GNDIR
Ground for IRDR LED Current.
2
VDD
Positive supply: 2.25V to 3.63V.
3GND
Ground.
4
REXT
External Resistor, Connect to GND pin through a
499kΩ
, 1% resistor.
5SCL
I2C Serial Clock Input.
6SDA
I2C Serial Data Input/Output.
7INT
Active Low, Open-Drain Output.
8
IRDR
IR-LED Driver Sink - Connect to IR LED Cathode.
-
TPAD
Thermal Pad - Connect to GND.


Numéro de pièce similaire - ISL29038

FabricantNo de pièceFiches techniqueDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29038 INTERSIL-ISL29038 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
logo
Xicor Inc.
ISL29038IROZ-EVALZ XICOR-ISL29038IROZ-EVALZ Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29038IROZ-EVALZ INTERSIL-ISL29038IROZ-EVALZ Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
More results

Description similaire - ISL29038

FabricantNo de pièceFiches techniqueDescription
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29038IROZ-T7 INTERSIL-ISL29038IROZ-T7 Datasheet
431Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 23, 2015
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com