Moteur de recherche de fiches techniques de composants électroniques |
|
CA11483-LXP2-M Fiches technique(PDF) 2 Page - Cree, Inc |
|
CA11483-LXP2-M Fiches technique(HTML) 2 Page - Cree, Inc |
2 / 12 page PRODUCT DATASHEET Leila series last update 2/5/2012 Ordering number Family Type LED Color Diameter Height Style Optic Material Holder Material Fastening Status CA12392_LXP2-W Leila Assembly XT-E Black 21.6 mm 14.6 mm Round PMMA PC Tape Ready FWHM Efficiency cd/lm Gerber File 41 degrees 89 % 1.580 Available NOTE: The typical divergence will be changed by different color, chip size and chip position tolerance. The typical total divergence is the full angle measured where the luminous intensity is half of the peak value. October 19th 2012 0:31 Copyright Ledil Oy - Subject to change without prior notice - Page 2/3 Ledil Oy Salorankatu 10 24240 SALO Finland http://www.ledil.com email: ledil@ledil.com FAX: +358-2-733 8001 |
Numéro de pièce similaire - CA11483-LXP2-M |
|
Description similaire - CA11483-LXP2-M |