Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-ISB013V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-ISB013V1
Description  Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB013V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB013V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB013V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB013V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB013V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 018791 Rev 1
1/4
4
STEVAL-ISB013V1
Battery monitor demonstration board with alarm output
for gas gauge applications based on the STC3105
Features
Accurate battery voltage measurement
Coulomb counter to monitor the battery state-
of-charge (SOC)
Internal 32.768 kHz time base
Low-battery alarm output with programmable
SOC and voltage thresholds
Relaxation timer to track load condition (user-
programmable load current threshold)
I2C interface for battery monitoring and device
control
Low power consumption:
– 100 µA in active operating conditions
– 50 µA in power saving operating conditions
– 2 µA in standby mode
– 1 µA in power-down mode
RoHS compliant
Description
The STEVAL-ISB013V1 is a demonstration board
based on the STC3105 battery monitor IC. The
application monitors the voltage and current of a
battery and includes a Coulomb counter to keep
track of the charge/discharge status.
An alarm output signals a low state-of-charge
(SOC) condition and/or low battery voltage. In
addition, a relaxation register begins counting
when the gas gauge is in a specified light-load
condition, indicating when an OCV (open circuit
voltage) measurement should be made for SOC
correction.
STEVAL-ISB013V1
www.st.com


Numéro de pièce similaire - STEVAL-ISB013V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
   Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
   Battery monitoring system demonstration board based on the STC3105
STEVAL-ISB018V1 STMICROELECTRONICS-STEVAL-ISB018V1 Datasheet
425Kb / 4P
   Evaluation board for STCC5021 USB charging controller with attach detection
March 2014 Rev 2
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
   Evaluation board for STCC2540 USB charging controller
March 2014 Rev 2
More results

Description similaire - STEVAL-ISB013V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UM1054 STMICROELECTRONICS-UM1054 Datasheet
310Kb / 10P
   STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
   Battery monitor IC with alarm output for gas gauge applications
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
   Battery monitoring system demonstration board based on the STC3105
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
   Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
AN3064 STMICROELECTRONICS-AN3064 Datasheet
301Kb / 15P
   Using the STC3100 battery monitor for gas gauge applications
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
   Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
   NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com