Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-IHM024V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-IHM024V1
Description  100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM024V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-IHM024V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM024V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM024V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM024V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM024V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2009
Doc ID 16583 Rev 1
1/5
5
STEVAL-IHM024V1
100 W 3-phase inverter using the
L6390 and STGDL6NC60DI for vector control
Features
Wide-range input voltage (110 Vac and 230
Vac)
Maximum power-up to 100 W at 230 Vac input
voltage
Hyper-fast IGBT STGDL6NC60DI (6 A, 600 V)
+15 V auxiliary power supply connector
Connector for interfacing with the STM3210B-
EVAL board
RoHS compliant
Applications
Suitable for refrigerators, compressors and
dishwasher pumps
Description
The STEVAL-IHM024V1 demonstration board is a
100 W 3-phase inverter with field-oriented control
(FOC) for permanent-magnet synchronous
motors (PMSM).
This flexible, high-performance design consists of
a 3-phase inverter bridge based on the hyper-fast
IGBT STGDL6NC60DI (6 A 600 V) and on the
high-voltage half-bridge gate driver L6390. The
L6390 device features an integrated comparator
to protect hardware against faults such as
overcurrent and overtemperature, and an
embedded operational amplifier suitable for
advanced current sensing.
The board is designed to be compatible with a
110 Vac and 230 Vac mains input, and includes a
power supply stage with the VIPer12AS-E (in
buck configuration) to generate the +15 V and
+3.3 V supply voltage required by the application.
Additionally, using a dedicated connector, the
board can be interfaced with the STM3210B-
EVAL evaluation board, which is an evaluation
platform for STMicroelectronics’ ARMTM Cortex-
M3 core-based STM32F10x 128 Kb
microcontrollers.
STEVAL-IHM024V1
www.st.com


Numéro de pièce similaire - STEVAL-IHM024V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
   100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
   1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
   1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
STEVAL-IHM027V1 STMICROELECTRONICS-STEVAL-IHM027V1 Datasheet
447Kb / 5P
   Power board with MC connector based on the STGIPS10K60A 10 A, 600 V intelligent power module
More results

Description similaire - STEVAL-IHM024V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UM1491 STMICROELECTRONICS-UM1491 Datasheet
417Kb / 25P
   100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
UM0580 STMICROELECTRONICS-UM0580 Datasheet
994Kb / 24P
   100 W 3 phase inverter featuring L6390 and STD5NK52ZD
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
   100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
STEVAL-IHM032V1 STMICROELECTRONICS-STEVAL-IHM032V1 Datasheet
140Kb / 4P
   150 W inverter featuring the L639x and STGD3HF60HD for 1-shunt based sinusoidal vector control and trapezoidal scalar control
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
   1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
logo
Sanken electric
SX68200M SANKEN-SX68200M Datasheet
1Mb / 69P
   Sinusoidal 3-phase Brushless Motor Drivers with Sensorless Vector Control
logo
STMicroelectronics
STEVAL-IHM031V1 STMICROELECTRONICS-STEVAL-IHM031V1 Datasheet
186Kb / 6P
   3-phase low voltage inverter power board for FOC and scalar motor control based on the STS8DNH3LL MOSFET
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
   3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
   3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
August 2013 Rev 1
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
   3-phase inverter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com