Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-IFP004V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-IFP004V1
Description  Digital input termination PCLT2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP004V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2007
Rev 1
1/4
4
STEVAL-IFP004V1
Digital input termination PCLT2
Features
Dual input channel
Robust with EMC
Wide operating range
Exposed pad TSSOP14
Flexible current limiter
Output driver
Description
The purpose of this demo board is to evaluate the
features of the PCLT-2A sensor input termination.
The PCLT-2A is a dual termination device for the
front-end of a 24 V DC digital input module.
Composed of an input-voltage protection, a serial
current-limiter circuit and an output driver, each
channel circuit terminates the connection
between a high-side proximity sensor and the I/O
module. Because of its IEC type programmability
and the isolated/non-isolated output options, the
PCLT offers a flexible and easy-to-design solution
for highly integrated I/O modules.
STEVAL-IFP004V1
www.st.com


Numéro de pièce similaire - STEVAL-IFP004V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-IFP001V1 STMICROELECTRONICS-STEVAL-IFP001V1 Datasheet
249Kb / 4P
   8-channel high-side driver demonstration board with the VN808CM-E
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
   High Side Driver - 8 Channel based on VN808
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
   High side driver demonstration board based on the VN751PT
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
   16-bit PLC digital input card demonstration board based on the SCLT3
STEVAL-IFP008V1 STMICROELECTRONICS-STEVAL-IFP008V1 Datasheet
77Kb / 4P
   Demonstration board for the CLT3-4B current limited termination
More results

Description similaire - STEVAL-IFP004V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SCLT3-8BT8 STMICROELECTRONICS-SCLT3-8BT8 Datasheet
705Kb / 33P
   Protected digital input termination with serialized state transfer
logo
Pepperl+Fuchs Inc.
LB1001A PF-LB1001A Datasheet
157Kb / 3P
   Digital Input
2021-12-01
LB1015A PF-LB1015A Datasheet
637Kb / 3P
   Digital Input
2021-12-01
FB1202B PF-FB1202B Datasheet
533Kb / 3P
   Digital Input
FB1209B3 PF-FB1209B3 Datasheet
802Kb / 3P
   Digital Input
LB1109A PF-LB1109A Datasheet
611Kb / 3P
   Digital Input
2021-12-01
LB1008A PF-LB1008A Datasheet
549Kb / 3P
   Digital Input
2021-12-01
LB1002A PF-LB1002A Datasheet
528Kb / 3P
   Digital Input
2021-11-16
LB1014A PF-LB1014A Datasheet
523Kb / 3P
   Digital Input
2020-04-30
FB1201B PF-FB1201B Datasheet
517Kb / 3P
   Digital Input
More results


Html Pages

1 2 3 4