Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N70K Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce 3N70K
Description  3A, 700V N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N70K Fiches technique(HTML) 7 Page - Unisonic Technologies

  3N70K Datasheet HTML 1Page - Unisonic Technologies 3N70K Datasheet HTML 2Page - Unisonic Technologies 3N70K Datasheet HTML 3Page - Unisonic Technologies 3N70K Datasheet HTML 4Page - Unisonic Technologies 3N70K Datasheet HTML 5Page - Unisonic Technologies 3N70K Datasheet HTML 6Page - Unisonic Technologies 3N70K Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3N70K
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-836.A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - 3N70K

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
3N70K VBSEMI-3N70K Datasheet
1Mb / 8P
   N-Channel 700 V (D-S) Power MOSFET
logo
Unisonic Technologies
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
3N70KG-TF1-T UTC-3N70KG-TF1-T Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
3N70KL-TF1-T UTC-3N70KL-TF1-T Datasheet
212Kb / 6P
   N-CHANNEL JUNCTIN SILICON FET
More results

Description similaire - 3N70K

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
3N70_1109 UTC-3N70_1109 Datasheet
248Kb / 7P
   3A, 700V N-CHANNEL POWER MOSFET
3N70A UTC-3N70A Datasheet
266Kb / 7P
   700V, 3A N-CHANNEL POWER MOSFET
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com