Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-CCA012V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-CCA012V1
Description  3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA012V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA012V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2009
Doc ID 15861 Rev 1
1/4
4
STEVAL-CCA012V1
3 W filter-free class-D audio amplifier demonstration board with
6-12 dB fixed gain select based on the TS2007
Features
Operating range from VCC = 2.4 V to 5.5 V
Dedicated standby mode active low for each
channel
Output power per channel: 1.4 W @ 5 V or 0.5
W @ 3.0 V into 8
Ω with 1% THD+N max
Output power per channel: 2.3 W @ 5 V or 0.75
W @ 3.0 V into 4
Ω with 1% THD+N max
Two fixed gain selects: 6 dB or 12 dB
Low current consumption
Efficiency: 88% (typ)
Signal-to-noise ratio: 90 dB (typ)
PSRR: 68 dB (typ) @ 217 Hz with 6 dB gain
PWM base frequency: 280 kHz
Low pop and click noise
Thermal shutdown protection
Output short-circuit protection
RoHS compliant
Description
The STEVAL-CCA012V1 demonstration board is
based on the TS2007FC audio power class-D
amplifier, housed in a Flip-Chip package, which is
capable of driving up to 1.4 W into an 8
Ω load at
5 V. The device offers improved efficiency
compared to typical class-AB audio amplifiers.
The TS2007FC allows switching between two
different gains: 6 or 12 dB via a logic signal on the
GS pin. Pop and click reduction circuitry provides
low on/off switching noise while allowing the
device to start within 1 ms. An active low standby
function permits lower current consumption (down
to 1 µA typ). The TS2007FC also integrates
output short-circuit protection and thermal
shutdown protection.
The STEVAL-CCA012V demonstration board is
constructed on a two-layer PCB with easily
accessible connectors, allowing users to change
or drive the gain select and standby control pin,
and to change the input configuration.
STEVAL-CCA012V1
AM03155
www.st.com


Numéro de pièce similaire - STEVAL-CCA012V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CCA010V1 STMICROELECTRONICS-STEVAL-CCA010V1 Datasheet
138Kb / 4P
   Demonstration board for video buffer plus filter with SAG correction based on the TSH122
STEVAL-CCA011V1 STMICROELECTRONICS-STEVAL-CCA011V1 Datasheet
162Kb / 6P
   Filter-free stereo 2x2.5 W Class-D audio power amplifier demonstration board based on the TS2012FC
STEVAL-CCA015V1 STMICROELECTRONICS-STEVAL-CCA015V1 Datasheet
152Kb / 4P
   Triple video buffer with filter for HD demonstration board based on the TSH346
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
   Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
STEVAL-CCA018V1 STMICROELECTRONICS-STEVAL-CCA018V1 Datasheet
139Kb / 4P
   Single-supply stereo digital audio line driver based on the TS4657
More results

Description similaire - STEVAL-CCA012V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS2007FC STMICROELECTRONICS-TS2007FC Datasheet
454Kb / 28P
   3 W filter-free class D audio power amplifier with 6 or 12 dB fixed gain select
TS2007 STMICROELECTRONICS-TS2007_11 Datasheet
492Kb / 29P
   3 W filter-free Class D audio power amplifer with 6-12 dB fixed gain select
STEVAL-CCA011V1 STMICROELECTRONICS-STEVAL-CCA011V1 Datasheet
162Kb / 6P
   Filter-free stereo 2x2.5 W Class-D audio power amplifier demonstration board based on the TS2012FC
CCA028V1 STMICROELECTRONICS-CCA028V1 Datasheet
124Kb / 5P
   10 W 10 W class-D audio amplifier demonstration board based on the TDA7491P
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
   5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
CCA044V1 STMICROELECTRONICS-CCA044V1 Datasheet
85Kb / 5P
   160 W 160 W dual BTL class-D audio amplifier demonstration board based on the TDA7498E
CCA027V1 STMICROELECTRONICS-CCA027V1 Datasheet
92Kb / 5P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
CCA042V1 STMICROELECTRONICS-CCA042V1 Datasheet
100Kb / 5P
   20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV
STEVAL-CCA027V1 STMICROELECTRONICS-STEVAL-CCA027V1 Datasheet
99Kb / 4P
   50 W50 W dual BTL class-D audio amplifier demonstration board based on the TDA7492
September 2011 Rev 2
TS2007 STMICROELECTRONICS-TS2007 Datasheet
466Kb / 29P
   3W filter-free Class D audio power amplifer with 6-12dB fixed gain select
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com