Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXL5515P Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXL5515P
Description  CMOS-CCD 1H Delay Line for PAL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5515P Fiches technique(HTML) 4 Page - Sony Corporation

  CXL5515P Datasheet HTML 1Page - Sony Corporation CXL5515P Datasheet HTML 2Page - Sony Corporation CXL5515P Datasheet HTML 3Page - Sony Corporation CXL5515P Datasheet HTML 4Page - Sony Corporation CXL5515P Datasheet HTML 5Page - Sony Corporation CXL5515P Datasheet HTML 6Page - Sony Corporation CXL5515P Datasheet HTML 7Page - Sony Corporation CXL5515P Datasheet HTML 8Page - Sony Corporation CXL5515P Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
– 4 –
CXL5515M/P
6. S/N ratio during a 50% white video signal input shown in Fig. below is tested at the video noise meter, in
BPF 100kHz to 5MHz, Sub Carrier Trap mode.
CLOCK
1H 64µs
175mV
150mV
325mV
400mVp-p (Typ.)
fSC (4.433619MHz) Sine wave


Numéro de pièce similaire - CXL5515P

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512P SONY-CXL5512P Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513P SONY-CXL5513P Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results

Description similaire - CXL5515P

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5506M SONY-CXL5506M Datasheet
107Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL1506M SONY-CXL1506M Datasheet
170Kb / 12P
   CMOS-CCD 1H/2H Delay Line for PAL
logo
Sanyo Semicon Device
LC8992 SANYO-LC8992 Datasheet
66Kb / 4P
   PAL CCD 1H Delay Line
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com