Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXL5002P Fiches technique(PDF) 8 Page - Sony Corporation

No de pièce CXL5002P
Description  CMOS-CCD 1/2H Delay Line for NTSC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5002P Fiches technique(HTML) 8 Page - Sony Corporation

  CXL5002P Datasheet HTML 1Page - Sony Corporation CXL5002P Datasheet HTML 2Page - Sony Corporation CXL5002P Datasheet HTML 3Page - Sony Corporation CXL5002P Datasheet HTML 4Page - Sony Corporation CXL5002P Datasheet HTML 5Page - Sony Corporation CXL5002P Datasheet HTML 6Page - Sony Corporation CXL5002P Datasheet HTML 7Page - Sony Corporation CXL5002P Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
– 8 –
CXL5002M/P
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42/COPPER ALLOY
8PIN SOP (PLASTIC)
6.1
+ 0.4
– 0.1
1.85
+ 0.4
– 0.15
0.1
+ 0.2
– 0.05
0.2
+ 0.1
– 0.05
0.45 ± 0.1
1.27
4
1
0.24 M
0.1g
SOP-8P-L01
SOP008-P-0300
8
5
0.15
CXL5002M
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
COPPER ALLOY
8PIN DIP (PLASTIC)
9.4 – 0.1
+ 0.4
2.54
1
4
5
8
1.2 ± 0.15
0.5 ± 0.1
0° to 15°
0.5g
DIP-8P-01
DIP008-P-0300
CXL5002P


Numéro de pièce similaire - CXL5002P

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5003 SONY-CXL5003 Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5003P SONY-CXL5003P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
More results

Description similaire - CXL5002P

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
CXL1506M SONY-CXL1506M Datasheet
170Kb / 12P
   CMOS-CCD 1H/2H Delay Line for PAL
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com