Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1103-25EG6T Fiches technique(PDF) 2 Page - Touchstone Semiconductor Inc

No de pièce TS1103-25EG6T
Description  A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1103-25EG6T Fiches technique(HTML) 2 Page - Touchstone Semiconductor Inc

  TS1103-25EG6T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1103-25EG6T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS1103
Page 2
TS1103DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
RS+, RS- to GND..............................................-0.3V to +27V
VDD, OUT, SIGN to GND ....................................... -0.3V to +6
RS+ to RS-..................................................................... ±27V
Short-Circuit Duration: OUT to GND .................... Continuous
Continuous Input Current (Any Pin) ............................ ±20mA
Continuous Power Dissipation (TA = +70°C)
6-Lead SOT23 (Derate at 4.5mW/°C above +70°C)
............................................................................... 360mW
Operating Temperature Range .................... -40°C to +105°C
Junction Temperature ................................................ +150°C
Storage Temperature Range ....................... -65°C to +150°C
Lead Temperature (Soldering, 10s) ........................... +300°C
Soldering Temperature (Reflow) ............................ +260°C
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART MARKING
CARRIER
QUANTITY
TS1103-25EG6TP
TADW
Tape & Reel
-----
TS1103-25EG6T
Tape & Reel
3000
TS1103-50EG6TP
TADX
Tape & Reel
-----
TS1103-50EG6T
Tape & Reel
3000
TS1103-100EG6TP
TADY
Tape & Reel
-----
TS1103-100EG6T
Tape & Reel
3000
TS1103-200EG6TP
TADZ
Tape & Reel
-----
TS1103-200EG6T
Tape & Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Numéro de pièce similaire - TS1103-25EG6T

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1103-25-EG6 SILABS-TS1103-25-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1103-25-EG6T SILABS-TS1103-25-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Description similaire - TS1103-25EG6T

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com