Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1102-50EG5TP Fiches technique(PDF) 3 Page - Touchstone Semiconductor Inc

No de pièce TS1102-50EG5TP
Description  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-50EG5TP Fiches technique(HTML) 3 Page - Touchstone Semiconductor Inc

  TS1102-50EG5TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-50EG5TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS1102
TS1102DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VRS+ = VRS- = 3.6V; VSENSE = (VRS+ - VRS-) = 0V; COUT = 47nF; TA = -40°C to +105°C, unless otherwise noted.
Typical values are at TA = +25°C. See Note 1
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (Note 2)
ICC
TA = +25°C
0.68
0.85
μA
1.0
VRS+ = 25V
TA = +25°C
1.0
1.2
Common-Mode Input Range
VCM
Guaranteed by CMRR
2
25
V
Common-Mode Rejection
Ratio
CMRR
2V < VRS+ < 25V
120
150
dB
Input Offset Voltage (Note 3)
VOS
TA = +25°C
±30
±200
μV
±300
Gain
G
TS1102-25
25
V/V
TS1102-50
50
TS1102-100
100
TS1102-200
200
Gain Error (Note 4)
GE
TA = +25°C
±0.1
±0.5
%
±0.6
Output Resistance (Note 5)
ROUT
TS1102-25/50/100
7.0
10
13.2
TS1102-200
14.0
20
26.4
OUT Low Voltage
VOL
Gain = 25
5
mV
Gain = 50
10
Gain = 100
20
Gain = 200
40
OUT High Voltage (Note 6)
VOH
VOH = VRS- - VOUT
0.05
0.2
V
Output Settling Time
tS
TS1102-25/50/100
1% final value, VOUT = 3V
2.2
ms
TS1102-200
4.3
ms
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by product
characterization.
Note 2: Extrapolated to VOUT = 0. ICC is the total current into the RS+ and the RS- pins.
Note 3: Input offset voltage VOS is extrapolated from VOUT with VSENSE set to 1mV.
Note 4: Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the
ideal transfer characteristic:
For GAIN = 25, the applied VSENSE is 20mV and 120mV.
For GAIN = 50, the applied VSENSE is 10mV and 60mV.
For GAIN = 100, the applied VSENSE is 5mV and 30mV.
For GAIN = 200, the applied VSENSE is 2.5mV and 15mV.
Note 5: The device is stable for any capacitive load at VOUT.
Note 6: VOH is the voltage from VRS- to VOUT with VSENSE = 3.6V/GAIN.


Numéro de pièce similaire - TS1102-50EG5TP

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1102-50EG5 SILABS-TS1102-50EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Description similaire - TS1102-50EG5TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com