Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXL1510M Fiches technique(PDF) 6 Page - Sony Corporation

No de pièce CXL1510M
Description  CCD Delay Line for Multi System
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1510M Fiches technique(HTML) 6 Page - Sony Corporation

Back Button CXL1510M Datasheet HTML 2Page - Sony Corporation CXL1510M Datasheet HTML 3Page - Sony Corporation CXL1510M Datasheet HTML 4Page - Sony Corporation CXL1510M Datasheet HTML 5Page - Sony Corporation CXL1510M Datasheet HTML 6Page - Sony Corporation CXL1510M Datasheet HTML 7Page - Sony Corporation CXL1510M Datasheet HTML 8Page - Sony Corporation CXL1510M Datasheet HTML 9Page - Sony Corporation CXL1510M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
– 6 –
CXL1510M
<Luminance Signal Characteristics> (No signals input to C-IN1, C-IN2)
Item
Symbol
Measurement
condition
SW condition
Min.
Typ.
Max.
Unit
Note
Low
frequency
gain
Frequency
response
Differential
gain
Differential
phase
Linearity
SN ratio
Coupling
level
GLY1
GLY2
FY1
FY2
DGY1
DGY2
DPY1
DPY2
LNY1
LNY2
SNY1
SNY2
CPY1
CPY2
(See Note 2)
(See Note 3)
5-step
staircase
wave
5-step
staircase
wave
(See Note 10)
50% white
video signal
(See Note 7)
1234567
8
bba — abb
b
bba — bab
b
bba — abb
b
bba — bbb
b
bba — aab
c
bba — bab
c
bba — aab
c
bba — bab
c
bba — aab
a
bba — bab
a
bba — abb
d
bba — bbb
d
bbb — abb
b
bbb — bbb
b
–2
02
dB
2
–2
–1
0
dB
3
0
35
%
9
0
3
5
deg
9
35
40
43
%
10
52
56
dB
6
10
50
mVrms
7


Numéro de pièce similaire - CXL1510M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
   CCD Delay Line for PAL
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL1517 SONY-CXL1517 Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
CXL1517 SONY-CXL1517 Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
More results

Description similaire - CXL1510M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC89978M SANYO-LC89978M Datasheet
98Kb / 7P
   CCD Delay Line for Multi-System
LC89971 SANYO-LC89971 Datasheet
178Kb / 9P
   Multi-system CCD Delay Line?
logo
Sony Corporation
CXL1511M SONY-CXL1511M Datasheet
125Kb / 14P
   CCD Delay Line for PAL
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
logo
Sanyo Semicon Device
LC89977M SANYO-LC89977M Datasheet
83Kb / 7P
   CCD Delay Line for PAL
LC89973M SANYO-LC89973M Datasheet
150Kb / 8P
   PAL CCD Delay Line???
LC89970 SANYO-LC89970 Datasheet
167Kb / 9P
   PAL CCD Delay Line?
LC89972M SANYO-LC89972M Datasheet
149Kb / 8P
   PAL CCD Delay Line???
logo
Sony Corporation
CXL5505M SONY-CXL5505M Datasheet
125Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
CXL5508M SONY-CXL5508M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com