Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXL1502M Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce CXL1502M
Description  CMOS-CCD Signal Processor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1502M Fiches technique(HTML) 11 Page - Sony Corporation

Back Button CXL1502M Datasheet HTML 6Page - Sony Corporation CXL1502M Datasheet HTML 7Page - Sony Corporation CXL1502M Datasheet HTML 8Page - Sony Corporation CXL1502M Datasheet HTML 9Page - Sony Corporation CXL1502M Datasheet HTML 10Page - Sony Corporation CXL1502M Datasheet HTML 11Page - Sony Corporation CXL1502M Datasheet HTML 12Page - Sony Corporation CXL1502M Datasheet HTML 13Page - Sony Corporation CXL1502M Datasheet HTML 14Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
– 11 –
CXL1502M
Low frequency gain vs. Ambient temperature
–1
–2
–3
–4
–5
020
40
60
Ta – Ambient temperature [°C]
High frequency gain vs. Ambient temperature
–3
–4
–5
–6
020
40
60
Ta – Ambient temperature [°C]
Frequency response vs. Ambient temperature
0
–1
–2
–3
020
40
60
Ta – Ambient temperature [°C]
Differential gain vs. Ambient temperature
10
8
6
4
020
40
60
Ta – Ambient temperature [°C]
2
0
Chroma comb depth min. gain vs. Ambient temperature
–10
–20
–30
–40
020
40
60
Ta – Ambient temperature [°C]
–50
Y comb depth min. gain vs. Ambient temperature
020
40
60
Ta – Ambient temperature [°C]
–10
–20
–30
–40
–50


Numéro de pièce similaire - CXL1502M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL1501 SONY-CXL1501 Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1505M SONY-CXL1505M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
More results

Description similaire - CXL1502M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Sony Corporation
CXL1008M SONY-CXL1008M Datasheet
274Kb / 13P
   CMOS-CCD Signal Processor for Skew Compensation
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
   CCD Digital Signal Processor
logo
Analog Devices
ADDI9020 AD-ADDI9020_15 Datasheet
75Kb / 2P
   60 MHz CCD Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com