Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK5V8257BM Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXK5V8257BM
Description  32768-word X 8-bit High Speed CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5V8257BM Fiches technique(HTML) 2 Page - Sony Corporation

  CXK5V8257BM Datasheet HTML 1Page - Sony Corporation CXK5V8257BM Datasheet HTML 2Page - Sony Corporation CXK5V8257BM Datasheet HTML 3Page - Sony Corporation CXK5V8257BM Datasheet HTML 4Page - Sony Corporation CXK5V8257BM Datasheet HTML 5Page - Sony Corporation CXK5V8257BM Datasheet HTML 6Page - Sony Corporation CXK5V8257BM Datasheet HTML 7Page - Sony Corporation CXK5V8257BM Datasheet HTML 8Page - Sony Corporation CXK5V8257BM Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
– 2 –
CXK5V8257BTM/BYM/BM
Pin Configuration (Top View)
Pin Description
OE
A11
A9
A8
A13
WE
Vcc
A14
A12
A7
A6
A5
A4
A3
A10
CE
I/O8
I/O7
I/O6
I/O5
I/O4
GND
I/O3
I/O2
I/O1
A0
A1
A2
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
CXK5V8257BTM
(Standard Pinout)
A3
A4
A5
A6
A7
A12
A14
Vcc
WE
A13
A8
A9
A11
OE
A2
A1
A0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
I/O8
CE
A10
CXK5V8257BYM
(Mirror Image Pinout)
7
6
5
4
3
2
1
28
27
26
25
24
23
22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
18
17
16
15
20
21
22
23
24
25
26
27
28
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
I/O3
GND
CXK5V8257BM
16
9
8
21
20
19
18
17
10
11
12
13
14
15
Vcc
WE
A13
A8
A9
A11
OE
A10
CE
I/O8
I/O7
I/O6
I/O5
I/O4
Address input
data input/output
Chip enable input
Write enable input
Output enable input
+3.3V power supply
Ground
A0 to A14
I/O1 to I/O8
CE
WE
OE
VCC
GND
Symbol
Description
Supply voltage
Input voltage
Input and output voltage
Allowable power dissipation
Operating temperature
Storage temperature
Soldering temperature · time
VCC
VIN
VI/O
PD
Topr
Tstg
Tsolder
–0.5 to +4.6
–0.5∗1 to VCC + 0.5
–0.5∗1 to VCC + 0.5
0.7
0 to +70
–55 to +150
235 · 10
V
V
V
W
°C
°C
°C · s
Item
Symbol
Rating
Unit
H
L
L
L
×
H
L
×
×
H
H
L
Not selected
Output disable
Read
Write
High Z
High Z
Data out
Data in
ISB1, ISB2
ICC1, ICC2
ICC1, ICC2
ICC1, ICC2
CE
OE
WE
Mode
I/O1 to I/O8
VCC Current
Absolute Maximum Ratings
(Ta = 25°C, GND = 0V)
1 V
IN
, VI/O = –3.0V Min. for pulse width less than 50ns.
Truth Table
× : “H” or “L”
DC Recommended Operating Conditions
(Ta = 0 to +70°C, GND = 0V)
Supply voltage
Input high voltage
Input low voltage
VCC
VIH
VIL
3.0
2.0
–0.3∗2
3.3
3.6
VCC + 0.3
0.8
V
Item
Symbol
Min.
Typ.
Max.
Unit
2 V
IL
= –3.0V Min. for pulse width less than 50ns.


Numéro de pièce similaire - CXK5V8257BM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-10LLX SONY-CXK5V81000ATM-10LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM-85LLX SONY-CXK5V81000ATM-85LLX Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM-10LLX SONY-CXK5V8512TM-10LLX Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
More results

Description similaire - CXK5V8257BM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK58257AP SONY-CXK58257AP Datasheet
291Kb / 10P
   32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM
CXK5T8257BTM SONY-CXK5T8257BTM Datasheet
209Kb / 10P
   32768-word X 8-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM62256 HITACHI-HM62256 Datasheet
309Kb / 14P
   32768-word x 8-bit High Speed CMOS Static RAM
2003
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com