Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK5T81000AM-12LLX Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXK5T81000AM-12LLX
Description  131072-word x 8-bit High Speed CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK5T81000AM-12LLX Fiches technique(HTML) 1 Page - Sony Corporation

  CXK5T81000AM-12LLX Datasheet HTML 1Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 2Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 3Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 4Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 5Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 6Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 7Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 8Page - Sony Corporation CXK5T81000AM-12LLX Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
– 1 –
CXK5T81000ATM/AYM/AM -10LLX/12LLX
PE96324-ST
131072-word
× 8-bit High Speed CMOS Static RAM
Description
The CXK5T81000ATM/AYM/AM is a high speed
CMOS static RAM organized as 131072-words by
8-bits.
Special feature are low power consumption and
high speed.
The CXK5T81000ATM/AYM/AM is a suitable RAM
for portable equipment with battery back up.
Features
• Extended operating temperature range:
–25 to +85°C
• Wide supply voltage range operation: 2.7 to 3.6V
• Fast access time:
(Access time)
3.0V operation -10LLX
100ns
(Max.)
-12LLX
120ns
(Max.)
3.3V operation -10LLX
85ns
(Max.)
-12LLX
100ns
(Max.)
• Low standby current:
28µA
(Max.)
• Low data retention current: 24µA
(Max.)
• Low voltage data retention:
2.0V
(Min.)
• Package line-up
CXK5T81000ATM/AYM
8mm
× 20mm 32 pin TSOP package
CXK5T81000AM
525mil 32 pin SOP package
Function
131072-word
× 8-bit static RAM
Structure
Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXK5T81000ATM
32 pin TSOP (Plastic)
CXK5T81000AYM
32 pin TSOP (Plastic)
CXK5T81000AM
32 pin SOP (Plastic)
VCC
GND
CE1
CE2
Row
Decoder
Buffer
I/O Buffer
A10
A11
A9
A8
A13
A15
A16
A14
A12
A7
A6
A5
A4
A3
A0
OE
WE
I/O Gate
Column
Decoder
Memory
Matrix
1024
× 1024
A1
A2
I/O1
I/O8
Buffer
Buffer
Block Diagram
Preliminary
For the availability of this product, please contact the sales office.


Numéro de pièce similaire - CXK5T81000AM-12LLX

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-10LLX SONY-CXK5T81000ATN-10LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000ATN-12LLX SONY-CXK5T81000ATN-12LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000AYN SONY-CXK5T81000AYN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5T81000AYN-10LLX SONY-CXK5T81000AYN-10LLX Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results

Description similaire - CXK5T81000AM-12LLX

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HM62V8128 HITACHI-HM62V8128 Datasheet
828Kb / 11P
   131072-Word x 8-Bit Speed CMOS Static RAM
HM628128LP HITACHI-HM628128LP Datasheet
755Kb / 16P
   131072-word x 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK5V81000ATM SONY-CXK5V81000ATM Datasheet
137Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
CXK581000ATM SONY-CXK581000ATM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000P SONY-CXK581000P Datasheet
548Kb / 11P
   131072-word x 8-bit HIGH SPEED COMS STATIC RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
logo
Toshiba Semiconductor
TC55BS8128J-10 TOSHIBA-TC55BS8128J-10 Datasheet
236Kb / 5P
   131072 WORD X 8 BIT SYNCHRONOUS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com