Moteur de recherche de fiches techniques de composants électroniques |
|
CXK5V8257BTM Fiches technique(PDF) 6 Page - Sony Corporation |
|
CXK5V8257BTM Fiches technique(HTML) 6 Page - Sony Corporation |
6 / 9 page – 6 – CXK5V8257BTM/BYM/BM Address OE tWC tAW Data valid tAS tCW tWR1 tWP tDW tDH High impedance CE WE Data out Data in ( ∗3) • Write cycle (2): CE control ∗1 Write is executed when both CE and WE are at low simultaneously. ∗2 Do not apply the data input voltage of the opposite phase to the output while I/O pin is in output condition. ∗3 t WR1 is measured at the period from the rising edge of CE to the end of write cycle. |
Numéro de pièce similaire - CXK5V8257BTM |
|
Description similaire - CXK5V8257BTM |