Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXK58512TM-55LL Fiches technique(PDF) 11 Page - Sony Corporation

No de pièce CXK58512TM-55LL
Description  65536-word X 8-bit High Speed CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK58512TM-55LL Fiches technique(HTML) 11 Page - Sony Corporation

Back Button CXK58512TM-55LL Datasheet HTML 4Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 5Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 6Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 7Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 8Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 9Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 10Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 11Page - Sony Corporation CXK58512TM-55LL Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
– 11 –
CXK58512TM/M
1.2
0.8
4.5
4.75
5.0
5.25
5.5
1.4
1.2
1.0
0.8
0.6
1.4
12
3
4
5
1.8
1.4
1.0
0.6
0
0.2
0.4
0.6
0
2.0
3.0
4.0
5.0
6.0
20
10
5
2
0.2
020
40
60
80
1
0.5
0
2040
6080
VCC = 5.0V
VCC = 5.0V
Ta
= 25°C
1.2
1.0
0.8
0.6
VCC = 5.0V
Ta
= 25°C
0.8
VCC = 5.0V
Ta
= 25°C
1.1
1.0
0.9
VIL, VIH
2.0
1.5
1.0
0.5
Ta
= 25°C
ISB1
ISB2
Standby current vs. Ambient temperature
Standby current vs. Supply voltage
Ta – Ambient temperature [°C]
VCC – Supply voltage [V]
VOL – Output low voltage [V]
Output low current vs. Output low voltage
Standby current vs. Ambient temperature
Output high current vs. Output high voltage
Input voltage level vs. Supply voltage
Ta – Ambient temperature [°C]
VOH – Output high voltage [V]
VCC – Supply voltage [V]


Numéro de pièce similaire - CXK58512TM-55LL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK581000AM SONY-CXK581000AM Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10LL SONY-CXK581000AM-10LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-10SL SONY-CXK581000AM-10SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55LL SONY-CXK581000AM-55LL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK581000AM-55SL SONY-CXK581000AM-55SL Datasheet
288Kb / 12P
   131072-word x 8-bit High Speed CMOS Static RAM
More results

Description similaire - CXK58512TM-55LL

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
logo
List of Unclassifed Man...
HM62864 ETC-HM62864 Datasheet
124Kb / 15P
   65536-word 쨈 8-bit High Speed CMOS Static RAM
logo
Sony Corporation
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5T81000ATM SONY-CXK5T81000ATM Datasheet
262Kb / 11P
   131072-word x 8-bit High Speed CMOS Static RAM
CXK5T81000ATN SONY-CXK5T81000ATN Datasheet
235Kb / 10P
   131072-word X 8-bit High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com