Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS20H100C Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STPS20H100C
Description  100 V power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100C Fiches technique(HTML) 4 Page - STMicroelectronics

  STPS20H100C_11 Datasheet HTML 1Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 2Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 3Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 4Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 5Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 6Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 7Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 8Page - STMicroelectronics STPS20H100C_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STPS20H100C
4/11
Doc ID 5386 Rev 7
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
P
(W)
F(AV)
02
46
8
10
12
0
2
4
6
8
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
I
(A)
F(AV)
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
TO-220FPAB
TO-220AB
R=R
th(j-a)
th(j-c)
R
=15°C/W
th(j-a)
R
=40°C/W
th(j-a)
T
(°C)
amb
T
δ=tp/T
tp
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
P(tp)
P
(1µs)
ARM
ARM
t (µs)
p
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
P(T )
P
(25 °C)
ARM
j
ARM
T (°C)
j
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 6.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
I (A)
M
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
180
200
IM
t
δ=0.5
t(s)
T =50°C
C
T =75°C
C
T =125°C
C
TO-220AB, D PAK, I PAK
22
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
I (A)
M
IM
t
δ=0.5
t(s)
T =50°C
j
T =75°C
j
T =125°C
j
TO-220FPAB


Numéro de pièce similaire - STPS20H100C_11

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS20H100C-Y STMICROELECTRONICS-STPS20H100C-Y Datasheet
210Kb / 8P
   Automotive power Schottky rectifier
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
87Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CF STMICROELECTRONICS-STPS20H100CF Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
165Kb / 11P
   High voltage power Schottky rectifier
More results

Description similaire - STPS20H100C_11

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
STPS5H100SF STMICROELECTRONICS-STPS5H100SF Datasheet
323Kb / 9P
   100 V power Schottky rectifier
July 2018 Rev 1
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
   100 V, 1 A power Schottky rectifier
October 2019
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
   100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
   100 V, 2 A power Schottky rectifier
October 2019
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
   5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
   100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPS5H100SFY STMICROELECTRONICS-STPS5H100SFY Datasheet
473Kb / 11P
   Automotive 100 V low Ir power Schottky rectifier
November 2018 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com