Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T0 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce M41T0
Description  Serial real-time clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Fiches technique(HTML) 1 Page - STMicroelectronics

  M41T0_11 Datasheet HTML 1Page - STMicroelectronics M41T0_11 Datasheet HTML 2Page - STMicroelectronics M41T0_11 Datasheet HTML 3Page - STMicroelectronics M41T0_11 Datasheet HTML 4Page - STMicroelectronics M41T0_11 Datasheet HTML 5Page - STMicroelectronics M41T0_11 Datasheet HTML 6Page - STMicroelectronics M41T0_11 Datasheet HTML 7Page - STMicroelectronics M41T0_11 Datasheet HTML 8Page - STMicroelectronics M41T0_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 2011
Doc ID 9105 Rev 7
1/23
1
M41T0
Serial real-time clock
Features
Counters for seconds, minutes, hours, day,
date, month, years, and century
32 KHz crystal oscillator integrating load
capacitance (12.5 pF) providing exceptional
oscillator stability and high crystal series
resistance operation
Oscillator stop detection monitors clock
operation
Serial interface supports I2C bus
(400 kHz protocol)
Low standby current 0.9 µA (typ at 3 V)
2.0 to 5.5 V clock operating voltage
Special software programmable output
Operating temperature of –40 to 85 °C
8
1
SO8
www.st.com


Numéro de pièce similaire - M41T0_11

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
   Serial Access TIMEKEEPER
M41T00 STMICROELECTRONICS-M41T00 Datasheet
205Kb / 25P
   Serial real-time clock
M41T00AUD STMICROELECTRONICS-M41T00AUD Datasheet
332Kb / 44P
   Serial real-time clock with audio
M41T00AUDD1E STMICROELECTRONICS-M41T00AUDD1E Datasheet
332Kb / 44P
   Serial real-time clock with audio
M41T00AUDD1F STMICROELECTRONICS-M41T00AUDD1F Datasheet
332Kb / 44P
   Serial real-time clock with audio
More results

Description similaire - M41T0_11

FabricantNo de pièceFiches techniqueDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com