Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1096FN Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXG1096FN
Description  Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1096FN Fiches technique(HTML) 2 Page - Sony Corporation

  CXG1096FN Datasheet HTML 1Page - Sony Corporation CXG1096FN Datasheet HTML 2Page - Sony Corporation CXG1096FN Datasheet HTML 3Page - Sony Corporation CXG1096FN Datasheet HTML 4Page - Sony Corporation CXG1096FN Datasheet HTML 5Page - Sony Corporation CXG1096FN Datasheet HTML 6Page - Sony Corporation CXG1096FN Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
– 2 –
CXG1096FN
VGG
CAP
POUT
TX
VCTL1
ANT2
ANT1
GND
GND
VDD (RF AMP)
GND
VDD (LO AMP)
LOIN
PIN
GND
VDD1
VDD2
VDD3
GND
RX
VCTL2
RFIN
CAP
GND
CAP
IFOUT/VDD (IF AMP, MIX)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
25
26
Pin Configuration
30pF
VGG
2.2nH
PIN
18nH
1nF
1nF
VDD1
18nH
1nF
30pF
VDD2
82nH
1nF
5pF
100pF
1.8nH
10nF
VDD3
VCTL2
VDD
(IF AMP, MIX)
100pF
(POUT)
(TX)
1pF
100pF
IFOUT
30pF
100nF
13pF
10pF
10nH
6.8nH
(RFIN)
(RX)
ANT1
VDD
(LO AMP)
LOIN
VCTL1
30pF
30pF
2.2nH
3.9nH
VDD
(RF AMP)
1nF
18pF
1nF
13pF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
21
20
22
23
24
25
26
ANT2
Block Diagram and External Circuit


Numéro de pièce similaire - CXG1096FN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
   SP4T GSM Dualband Antenna Switch 5V Logic
CXG1092 SONY-CXG1092 Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
More results

Description similaire - CXG1096FN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
   Low Noise Down Conversion Mixer for PHS
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
CXG1014N SONY-CXG1014N Datasheet
184Kb / 6P
   1.5 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1030N SONY-CXG1030N Datasheet
141Kb / 5P
   Power Amplifier for PHS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com