Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1091TN Fiches technique(PDF) 2 Page - Sony Corporation

No de pièce CXG1091TN
Description  SP4T GSM Dualband Antenna Switch 5V Logic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1091TN Fiches technique(HTML) 2 Page - Sony Corporation

  CXG1091TN Datasheet HTML 1Page - Sony Corporation CXG1091TN Datasheet HTML 2Page - Sony Corporation CXG1091TN Datasheet HTML 3Page - Sony Corporation CXG1091TN Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
CXG1091TN
Electrical Characteristics
(Ta = 25°C)
1 Pin = 34dBm, 880 to 915MHz, V
DD
= 5.0V
2 Pin = 32dBm, 1710 to 1785MHz, V
DD
= 5.0V
3 Pin = 10dBm, 925 to 960MHz
4 Pin = 10dBm, 1805 to 1880MHz
Note) Harmonics measured with Tx inputs harmonically matched.
CMOS Logic Values
(Ta = 25°C)
Logic
High
Low
Min.
2.4V
Typ.
3.0V
0.0V
Max.
0.8V
Item
Insertion loss
Isolation
VSWR
Harmonics Note)
P1dB compression input power
Switching speed
Control current
Supply current
Leakage current
IL
ISO.
VSWR
2fo
3fo
P1dB
TSW
ICTL
IDD
IIK
Port
Ant-Tx1, Tx2
Ant-Rx1, Rx2
Ant-Tx1, Tx2
Ant-Rx1, Rx2
Ant-Tx1, Tx2
Ant-Tx1, Tx2
Condition
1
2
3
4
1
2
3
4
1, ∗2
1, ∗2
1, ∗2
STBY = H
STBY = L
Min.
20
17
24
20
Typ.
0.5
0.6
0.55
0.7
25
20
28
24
1.2
36
1
100
0.5
Max.
0.75
0.85
0.75
0.9
–30
–30
1
50
Unit
dB
dB
dB
dB
dB
dB
dB
dB
dBm
dBm
dBm
µs
µA
mA
µA
Symbol


Numéro de pièce similaire - CXG1091TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1092 SONY-CXG1092 Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
CXG1092N SONY-CXG1092N Datasheet
68Kb / 6P
   SP5T GSM Triple-Band Antenna Switch
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
More results

Description similaire - CXG1091TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
   SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
   SP4T Antenna Switch for GSM
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
   SP4T Antenna Switch for GSM/UMTS
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
   SP4T Antenna Switch for GSM Dual band
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
   SP4T Antenna Switch for GSM Dual band
logo
TriQuint Semiconductor
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
   SP4T High Power 2.5V GSM Antenna Switch
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
   SP4T GaAs Multi-Band GSM Antenna Switch
logo
TriQuint Semiconductor
TQP4M4010 TRIQUINT-TQP4M4010 Datasheet
404Kb / 11P
   SP4T High Power GSM-EDGE Antenna Switch With Decoder
logo
Sony Corporation
CXG1234XR SONY-CXG1234XR Datasheet
175Kb / 7P
   SP4T Antenna Switch
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com