Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1081TN Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXG1081TN
Description  Receiving Dual-Band Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1081TN Fiches technique(HTML) 5 Page - Sony Corporation

  CXG1081TN Datasheet HTML 1Page - Sony Corporation CXG1081TN Datasheet HTML 2Page - Sony Corporation CXG1081TN Datasheet HTML 3Page - Sony Corporation CXG1081TN Datasheet HTML 4Page - Sony Corporation CXG1081TN Datasheet HTML 5Page - Sony Corporation CXG1081TN Datasheet HTML 6Page - Sony Corporation CXG1081TN Datasheet HTML 7Page - Sony Corporation CXG1081TN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
– 5 –
CXG1081TN
Path RFIN1
→ IFOUT
GC, NF vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
2
6
4
8
10
12
–20
GC
NF
–15
0
VDD = 2.7V
VCTL = 2.7V
fRF1 = 870MHz
fLO = 740MHz
GC
NF
Path RFIN2
→ IFOUT
GC, NF vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
2
6
4
8
10
12
–20
–15
0
VDD = 2.7V
VCTL = 0V
fRF2 = 820MHz
fLO = 690MHz
PLK
IIP3
Path RFIN2
→ IFOUT
IIP3, PLK vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
1
3
4
2
5
7
6
8
–20
–15
0
VDD = 2.7V
VCTL = 0V
fRF1 = 820MHz
fRF2 = 820.1MHz
fLO = 690MHz
PLO = –15dBm
Path RFIN1
→ IFOUT
IIP3, PLK vs. PLO
PLO – LO input power [dBm]
–10
–5
–25
1
4
3
2
5
6
7
8
–40
–32.5
–35
–37.5
–30
–27.5
–25
–22.5
–40
–32.5
–35
–37.5
–30
–27.5
–25
–22.5
–20
–15
0
PLK
IIP3
VDD = 2.7V
VCTL = 2.7V
fRF1 = 870MHz
fRF2 = 870.1MHz
fLO = 740MHz
PLO = –15dBm


Numéro de pièce similaire - CXG1081TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
   Receive Dual Low Noise Amplifier/Mixer
More results

Description similaire - CXG1081TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1050TN SONY-CXG1050TN Datasheet
114Kb / 8P
   Receiving Dual-Band Mixer
CXG1034TN SONY-CXG1034TN Datasheet
89Kb / 6P
   Receiving Mixer
logo
United Monolithic Semic...
CHM2378A UMS-CHM2378A_15 Datasheet
147Kb / 8P
   W-band Dual Channel Mixer
CHM2378A UMS-CHM2378A Datasheet
118Kb / 8P
   W-band Dual Channel Mixer
CHM2378A UMS-CHM2378A_06 Datasheet
223Kb / 8P
   W-band Dual Channel Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
   DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
United Monolithic Semic...
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
   K Band Mixer
CHM1193 UMS-CHM1193 Datasheet
87Kb / 6P
   K-Band Mixer
CHM2179B98F UMS-CHM2179B98F_15 Datasheet
640Kb / 8P
   W-band Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com