Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7404 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce TDA7404
Description  Car radio signal processor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 2Page - STMicroelectronics TDA7404_08 Datasheet HTML 3Page - STMicroelectronics TDA7404_08 Datasheet HTML 4Page - STMicroelectronics TDA7404_08 Datasheet HTML 5Page - STMicroelectronics TDA7404_08 Datasheet HTML 6Page - STMicroelectronics TDA7404_08 Datasheet HTML 7Page - STMicroelectronics TDA7404_08 Datasheet HTML 8Page - STMicroelectronics TDA7404_08 Datasheet HTML 9Page - STMicroelectronics TDA7404_08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Detailed features
TDA7404
6/35
1
Detailed features
Input multiplexer
– 1 pseudo-differential stereo input (selectable single end stereo input)
– 3 single-end stereo inputs
– 1 differential mono input
– In-Gain 0..14 dB, 1 dB steps, 14..20 dB, 2 dB steps
– Auto Zero
Beep
internal beep with 3 frequencies
781 Hz/1.56 kHz/1.8 kHz
Mixing stage
4 step-mixing-stage with mono or beep as mix-signals
Loudness
second order frequency response
programmable center frequency
15 x 1 dB steps
selectable low and high frequency boost
selectable flat-mode (constant attenuation)
Volume
1 dB attenuator
100 dB range
soft-step control with programmable times
Bass
–2nd order frequency response
center frequency programmable in 4 steps
60 Hz / 80 Hz / 100 Hz / 200 Hz
Q programmable 1.0/1.25/1.5/2.0
DC gain programmable
–+15 dB x 1 dB steps
Treble
–2nd order frequency response
center frequency programmable in 4 steps
10 kHz / 12.5 kHz / 15 kHz / 17.5 kHz
–+15 dB x 1 dB steps
Speaker
4 independent speaker controls in 1 dB steps
control range 50 dB with mute
Zero crossing attenuate
Subwoofer
Stereo output
attenuator range 50 dB
Mute functions
–direct mute
digitally controlled Soft Mute with 4 programmable mute-times


Numéro de pièce similaire - TDA7404_08

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
379Kb / 26P
   CARRADIO-SIGNAL-PROCESSOR
TDA7404D STMICROELECTRONICS-TDA7404D Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
More results

Description similaire - TDA7404_08

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7406 STMICROELECTRONICS-TDA7406 Datasheet
987Kb / 64P
   Car radio signal processor
TDA7415CB STMICROELECTRONICS-TDA7415CB Datasheet
1Mb / 50P
   Car radio multimedia signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com